Electronic Components Datasheet Search
  English  ▼

X  

BAT62 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BAT62
Description  Silicon Schottky Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT62 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAT62 Datasheet HTML 1Page - Infineon Technologies AG BAT62 Datasheet HTML 2Page - Infineon Technologies AG BAT62 Datasheet HTML 3Page - Infineon Technologies AG BAT62 Datasheet HTML 4Page - Infineon Technologies AG BAT62 Datasheet HTML 5Page - Infineon Technologies AG BAT62 Datasheet HTML 6Page - Infineon Technologies AG BAT62 Datasheet HTML 7Page - Infineon Technologies AG BAT62 Datasheet HTML 8Page - Infineon Technologies AG BAT62 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Apr-22-2004
4
BAT62...
Diode capacitance CT = ƒ (VR)
f = 1MHz
0
0.0
EHD07062
BAT 62
C
V
R
T
10
20
30
V
40
0.2
0.4
0.6
0.8
pF
1.0
Reverse current IR = ƒ(VR)
TA = Parameter
0
5
10
15
20
25
30
V
40
VR
-1
10
0
10
1
10
2
10
3
10
uA
25°C
85°C
125°C
Forward current IF = ƒ (VF)
TA = Parameter
0
0.2
0.4
0.6
0.8
1
1.2 V
1.5
VF
1
10
2
10
3
10
4
10
uA
25°C
85°C
125°C
-40°C
Forward current IF = ƒ (TS)
BAT62
0
15
30
45
60
75
90 105 120 °C
150
TS
0
2
4
6
8
10
12
14
16
18
mA
22



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com