Electronic Components Datasheet Search
  English  ▼

X  

54ACQ373 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACQ373
Description  Quiet Series Octal Transparent Latch with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACQ373 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACQ373 Datasheet HTML 1Page - National Semiconductor (TI) 54ACQ373 Datasheet HTML 2Page - National Semiconductor (TI) 54ACQ373 Datasheet HTML 3Page - National Semiconductor (TI) 54ACQ373 Datasheet HTML 4Page - National Semiconductor (TI) 54ACQ373 Datasheet HTML 5Page - National Semiconductor (TI) 54ACQ373 Datasheet HTML 6Page - National Semiconductor (TI) 54ACQ373 Datasheet HTML 7Page - National Semiconductor (TI) 54ACQ373 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54ACQ373
• 54ACTQ373
Quiet Series Octal Transparent Latch with TRI-STATE®
Outputs
General Description
The
’ACQ/’ACTQ373
consists
of
eight
latches
with
TRI-STATE outputs for bus organized system applications.
The latches appear transparent to the data when Latch En-
able (LE) is HIGH. When LE is low, the data satisfying the in-
put timing requirements is latched. Data appears on the bus
when the Output Enable (OE) is LOW. When OE is HIGH,
the bus output is in the high impedance state.
The ’ACQ/’ACTQ373 utilizes NSC Quiet Series technology
to guarantee quiet output switching and improve dynamic
threshold performance. FACT Quiet Series™ features
GTO™ output control and undershoot corrector in addition to
a split ground bus for superior performance.
Features
n ICC and IOZ reduced by 50%
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Improved latch up immunity
n Eight latches in a single package
n TRI-STATE outputs drive bus lines or buffer memory
address registers
n Outputs source/sink 24 mA
n Faster prop delays than the standard ’AC/’ACT373
n 4 kV minimum ESD immunity (’ACQ)
n Standard Military Drawing (SMD)
— ’ACTQ373: 5962-92188
— ’ACQ373: 5962-92178
Logic Symbols
Pin Names
Description
D
0–D7
Data Inputs
LE
Latch Enable Input
OE
Output Enable Input
O
0–O7
TRI-STATE Latch Outputs
GTO™ is a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
FACT Quiet Series™ is a trademark of Fairchild Semiconductor Corporation.
DS100238-1
IEEE/IEC
DS100238-2
September 1998
© 1998 National Semiconductor Corporation
DS100238
www.national.com


Similar Part No. - 54ACQ373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results

Similar Description - 54ACQ373

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
Octal Transparent Latch with TRI-STATE Outputs
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
Quiet Series Octal Latch with TRI-STATE Outputs
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
Octal Transparent Latch with TRI-STATE Outputs
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
Quiet Series Octal Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com