Electronic Components Datasheet Search
  English  ▼

X  

AH2985 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH2985
Description  TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH2985 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH2985 Datasheet HTML 1Page - Diodes Incorporated AH2985 Datasheet HTML 2Page - Diodes Incorporated AH2985 Datasheet HTML 3Page - Diodes Incorporated AH2985 Datasheet HTML 4Page - Diodes Incorporated AH2985 Datasheet HTML 5Page - Diodes Incorporated AH2985 Datasheet HTML 6Page - Diodes Incorporated AH2985 Datasheet HTML 7Page - Diodes Incorporated AH2985 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AH2985
Document number: DS38175 Rev. 1 - 2
3 of 8
www.diodes.com
September 2015
© Diodes Incorporated
AH2985
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 5)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
18
V
VRDD
Reverse VDD Polarity Voltage
-15
V
IO(AVE)
Output Current (Note 6)
500
mA
IO(peak as hold)
800
PD
Power Dissipation
550
mW
TSTG
Storage Temperature
-55 to +150
C
TJ
Maximum Junction Temperature
+150
C
JA
Thermal Resistance
227
C/W
JC
Thermal Resistance
49
C/W
Notes:
5
. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
6. Shall not exceed PD and Safety Operation Area.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Max
Unit
VDD
Supply Voltage
Operating
2.5
15
V
TA
Operating Ambient Temperature (Note 6)
Operating
-40
+105
C
Electrical Characteristics (@TA = +25°C, VDD = 12V, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IDD
Supply Current
Operating, VDD = 12V
–
1
5
mA
tON
Locked Protection On Time
–
–
0.45
–
s
tOFF
Locked Protection Off Time
–
–
2.7
–
s
RDUTY
Locked Protection Duty Ratio
tOFF/ tON
–
6
–
–
RDS(ON)
Output On Resistance
IO= 300mA
–
1
1.6
Ω
IO= 500mA
–
1
1.8
VZ
Output Zener-Breakdown Voltage
(Note 7)
20
28
36
V
Note:
7
. The VZ value is in D.C voltage measurement. The VZ may vary with coils in A.C. voltage measurements.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com