Electronic Components Datasheet Search
  English  ▼

X  

AL1677 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL1677
Description  UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1677 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL1677 Datasheet HTML 4Page - Diodes Incorporated AL1677 Datasheet HTML 5Page - Diodes Incorporated AL1677 Datasheet HTML 6Page - Diodes Incorporated AL1677 Datasheet HTML 7Page - Diodes Incorporated AL1677 Datasheet HTML 8Page - Diodes Incorporated AL1677 Datasheet HTML 9Page - Diodes Incorporated AL1677 Datasheet HTML 10Page - Diodes Incorporated AL1677 Datasheet HTML 11Page - Diodes Incorporated AL1677 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AL1677
Document number: DS37526 Rev. 1 - 2
8 of 13
www.diodes.com
November 2015
© Diodes Incorporated
AL1677
Application Information (continued)
Output Open Protection (OVP)
AL1677 has output open-voltage protection controlled when the LED is open, which can prevent the output voltage from increasing to a very high
value. This feature can help the system designer select a smaller volume capacitor. The output voltage is set by the external resistor R3, shown in
Figure 1.
When LED is open, the toff time can be calculated as:
5
R
1
_
OVP
REF
CS
off
V
V
L
t
Where
VOVP is the output open voltage,
The output voltage is set by R3, and R3 is:
5
12
1
12
3
_
R
_
_
R
V
C
L
V
V
C
t
V
R
OVP
REF
REF
OVP
REF
CS
REF
off
REF
ROVP
Where
VROVP_REF is the internal ROVP pin 0.5V’s reference,
CREF is the internal 6pF capacitor.
Thermal Foldback Protection (TFP)
AL1677 has a thermal foldback function and adopts a self-adaptive control method, which can prevent the system from breaking down due to high
temperatures. The overheating temperature is set at +140°C typical. When the junction temperature of the IC is higher than +140°C typical, the
device will linearly decrease the internal reference voltage to decrease the output current. As a result of this feature, the device can control the
system
’s output power at high ambient temperatures, to control the quantity of heat of the system. This enhances the safety of the system at high
temperatures.
The thermal foldback waveform is shown below:
100%
50%
Junction temperature/°C
TFOLD=140
Output current
OTP
Figure 2. Thermal foldback waveform
Over-Temperature Protection (OTP)
The AL1677 has OTP protection function. When the junction temperature reach to +170°C typical, the IC will trigger an over-temperature
protection condition which causes the device to shut down and latched. Once OTP has triggered, the system will resume after the system
’s AC
source supply has been reset and power up.
Design Parameters
Setting the Current Sense Resistor R5
The AL1677 uses peak current control method to obtain constant current control and senses the peak current of the inductance cycle by cycle.
The sample value is compared with the internal 0.4V reference. When the sampling value is up to 0.4V, the IC control of the internal MOSFET will
turn off.
The peak current of the inductance is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com