Electronic Components Datasheet Search
  English  ▼

X  

AL9902 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AL9902
Description  LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9902 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AL9902 Datasheet HTML 8Page - Diodes Incorporated AL9902 Datasheet HTML 9Page - Diodes Incorporated AL9902 Datasheet HTML 10Page - Diodes Incorporated AL9902 Datasheet HTML 11Page - Diodes Incorporated AL9902 Datasheet HTML 12Page - Diodes Incorporated AL9902 Datasheet HTML 13Page - Diodes Incorporated AL9902 Datasheet HTML 14Page - Diodes Incorporated AL9902 Datasheet HTML 15Page - Diodes Incorporated AL9902 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AL9902
Document number: DS37878 Rev. 1 - 2
12 of 18
www.diodes.com
July 2015
© Diodes Incorporated
AL9902
Applications Information (cont.)
DC-DC Boost LED Driver
Due to the topology of the AL9902 LED driver-converter, it is capable of being used in boost configurations as shown in Figure 3
– at reduced
accuracy. The accuracy can be improved by measuring the LED current with an op amp and use the op amp’s output to drive the LD pin.
A Boost LED driver is used when the forward voltage drop of the LED string is higher than the input supply voltage. For example, the Boost
topology can be appropriate when input voltage is supplied by a 48V power supply and the LED string consists of twenty HB LEDs, as the case
may be for a street light.
VIN
C3
Rsense
Rosc
L1
GND
AL9902
LD
PWM
VDD
CS
Rosc
SO
SW
VIN
D1
C1
C2
Figure 3 Boost LED driver
In a Boost converter, when the internal MOSFET is ON, the energy is stored in the inductor which is then delivered to the output when the internal
MOSFET switches OFF. If the energy stored in the inductor is not fully depleted by the next switching cycle (continuous conduction mode) the DC
conversion between input and output voltage is given by:
D
1
V
V
IN
OUT
,
OUT
IN
OUT
V
V
V
D
From the switching frequency, fOSC, the on-time of the MOSFET can be calculated:
OSC
ON
f
D
t
From this the required inductor value can be determined by:
LED
ON
IN
I
3
.
0
t
V
L
The Boost topology LED driver requires an output capacitor to deliver current to the LED string during the time that the internal MOSFET is on.
In boost LED driver topologies, if the LEDs should become open circuit damage may occur to the power switch and so some form of detection
should be present to provide overvoltage detection/protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com