Electronic Components Datasheet Search
  English  ▼

X  

AL9902FDF-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL9902FDF-13
Description  LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9902FDF-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL9902FDF-13 Datasheet HTML 1Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 2Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 3Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 4Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 5Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 6Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 7Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 8Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AL9902
Document number: DS37878 Rev. 1 - 2
1 of 18
www.diodes.com
July 2015
© Diodes Incorporated
AL9902
LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
Description
The AL9902 high-voltage PWM LED driver provides an efficient
solution for offline high-brightness LED lamps from rectified line
voltages ranging from 85VAC up to 277VAC. The AL9902 has an
internal MOSFET that allows switching frequencies up to 300kHz,
with the switching frequency determined by an external single
resistor. The AL9902 topology creates a constant current through the
LEDs
providing constant
light output.
The output
current
is
programmed by one external resistor.
The LED brightness can be varied by both linear and PWM dimming
using the AL9902
’s LD and PWM pins respectively. The PWM input
operates with duty ratio of 0-100% and frequency of up to several
kHz.
The AL9902 is available in the thermally enhanced U-DFN6040-12
and SO-16 packages.
Features
>90% Efficiency
Universal Rectified 85 to 277VAC Input Range
Internal MOSFET Up to 650V, 2A
High Switching Frequency Up to 300kHz
Internal Voltage Regulator Removes Start-Up Resistor
7.5V Regulated Output
Tighter Current Sense Tolerance Better Than ±5%
LED Brightness Control with Linear and PWM Dimming
Internal Over-Temperature Protection (OTP)
U-DFN6040-12 and SO-16 Packages
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
7
12
6
6
11
6
2
3
4
5
6
1
8
9
10
11
7
12
NC
NC
PWM VDD
LD
Rosc
SW
NC
SO
GND
CS
VIN
EP1
EP2
U-DFN6040-12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
NC
SW
NC
PWM VDD
LD
Rosc
NC
VIN
CS
GND
NC
NC
SO
NC
SO-16
Applications
LED Offline Lamps
High Voltage DC-DC LED Driver
Signage and Decorative LED Lighting
Back Lighting of Flat Panel Displays
General Purpose Constant Current Source
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
AC+
AC-
C1
C2
C3
Rsense
Rosc
D1
GND
AL9902
PWM
LD
VDD
CS
Rosc
SO
SW
VIN
L1
3
HD06
1
2
4
Z1
602V


Similar Part No. - AL9902FDF-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9901 DIODES-AL9901 Datasheet
681Kb / 20P
UNIVERSAL HIGH VOLTAGE LED DRIVER
Rev 1
AL9901FDF-13 DIODES-AL9901FDF-13 Datasheet
681Kb / 20P
UNIVERSAL HIGH VOLTAGE LED DRIVER
Rev 1
AL9901S16-13 DIODES-AL9901S16-13 Datasheet
681Kb / 20P
UNIVERSAL HIGH VOLTAGE LED DRIVER
Rev 1
More results

Similar Description - AL9902FDF-13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16831 MAXIM-MAX16831_09 Datasheet
249Kb / 19P
High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 1; 4/09
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
Three-Channel Linear LED Driver With Analog and PWM Dimming
TPS92638-Q1 TI1-TPS92638-Q1_16 Datasheet
4Mb / 39P
8-Channel Linear LED Driver With PWM Dimming
logo
Integrated Silicon Solu...
IS32LT3175N ISSI-IS32LT3175N Datasheet
609Kb / 19P
SINGLE CHANNEL LINEAR LED DRIVER WITH FADE IN/OUT AND PWM DIMMING
logo
Shenzhen Huazhimei Semi...
HM7236 HMSEMI-HM7236 Datasheet
672Kb / 7P
PWM dimming linear buck LED constant current driver
HM7237 HMSEMI-HM7237 Datasheet
395Kb / 6P
PWM dimming linear buck LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com