Electronic Components Datasheet Search
  English  ▼

X  

AP1680 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP1680
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP1680 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP1680 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP1680 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP1680 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP1680 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP1680 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP1680 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP1680 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP1680 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP1680 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680
Preliminary Datasheet
1
BCD Semiconductor Manufacturing Limited
Apr. 2011 Rev. 1. 0
General Description
The AP1680 is a high performance AC/DC power sup-
ply controller for LED drivers, battery charger and
adapter applications. The device uses Pulse Frequency
Modulation (PFM) method to build discontinuous con-
duction mode (DCM) flyback power supplies.
The AP1680 provides accurate constant voltage, con-
stant current (CV/CC) regulation while removing the
opto-coupler and secondary control circuitry. It also
eliminates the need of loop compensation circuitry
while maintaining stability. The AP1680 achieves
excellent regulation and high average efficiency, yet
meets the requirement for no-load consumption less
than 30mW.
The AP1680 is available in SOT-23-6 package.
Features
·
Primary Side Control for Rectangular Constant
Current and Constant Voltage Output
·
Sub-microampere Start-up Current
·
30mW No-load Input Power Feasible
·
Tight CC Regulation Performance
·
Eliminates Opto-coupler and Secondary CV/CC
Control Circuitry
·
Eliminates Control Loop Compensation Circuitry
·
Flyback Topology in DCM Operation
·
Random Frequency Modulation to Reduce
System EMI
·
Built-in Soft Start
·
Open Feedback Protection
·
Short Circuit Protection
·
SOT-23-6 Package
Applications
·
LED Drivers
·
Adapters/Chargers for Cell/Cordless Phones,
PDAs, MP3 and Other Portable Apparatus
·
Standby and Auxiliary Power Supplies
Figure 1. Package Type of AP1680
SOT-23-6


Similar Part No. - AP1680

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
AP1680K6TR-G1 DIODES-AP1680K6TR-G1 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
More results

Similar Description - AP1680

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3765 BCDSEMI-AP3765_10 Datasheet
605Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Unisonic Technologies
UC1108 UTC-UC1108 Datasheet
246Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3776B DIODES-AP3776B Datasheet
545Kb / 17P
LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev 6
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
BCD Semiconductor Manuf...
AP3772H BCDSEMI-AP3772H Datasheet
258Kb / 12P
Low-Power Off-line Primary Side Regulation Controller
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev 4
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com