Electronic Components Datasheet Search
  English  ▼

X  

AP1688 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1688
Description  AC/DC, HIGH PF, HIGH EFFICIENCY, UNIVERSAL MAINS LED DRIVER CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1688 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1688 Datasheet HTML 1Page - Diodes Incorporated AP1688 Datasheet HTML 2Page - Diodes Incorporated AP1688 Datasheet HTML 3Page - Diodes Incorporated AP1688 Datasheet HTML 4Page - Diodes Incorporated AP1688 Datasheet HTML 5Page - Diodes Incorporated AP1688 Datasheet HTML 6Page - Diodes Incorporated AP1688 Datasheet HTML 7Page - Diodes Incorporated AP1688 Datasheet HTML 8Page - Diodes Incorporated AP1688 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP1688
Document number: DS36603 Rev. 2 - 2
1 of 10
www.diodes.com
February 2015
© Diodes Incorporated
AP1688
A Product Line of
Diodes Incorporated
AC/DC, HIGH PF, HIGH EFFICIENCY, UNIVERSAL MAINS LED DRIVER CONTROLLER
Description
The AP1688 is a high performance AC/DC PFC and constant current
controller for universal mains LED driver applications. The device is a
buck controller which operates as a boundary conduction mode
(BCM) to achieve high efficiency and easy EMI.
An open loop algorithm is adopted in the AP1688, which will make the
system achieve excellent line and load regulations with high PF for
universal mains input.
The AP1688 features fast start-up, low start-up current, low operation
current and high efficiency. It also has rich protection features
including over voltage, short and open circuit, over current, over
temperature protection.
The AP1688 is available in SO-8 package.
Pin Assignments
(Top View)
(SO-8/ M Package)
Features
Optimized for Buck Topology
Boundary Conduction Mode (BCM) Operation to Achieve High
Efficiency
High Power Factor > 0.9
High Efficiency > 90%
System Current Accuracy: ±5%
Good Line Regulation and Load Regulation
Low Start-up Current
Tight CC Regulation Performance for Universal Input Mains
Voltage Range
Eliminates Control Loop Compensation Circuitry
Easy EMI
Open-load and Reload Detection
Over Temperature Protection
Over Current Protection
Over Voltage and Short and Open Circuit Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
Universal Mains LED lighting
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
FB
OUT
CS
GND
VS
VA
VCC
T1
C4
+
-
VOUT
D1
TVS
Q1
RCS
D2
VAC
R1
R2
R5
R4
C5
C3
C2
C1
C6
BD1
R3
R6
R7
L1
L2
8
2
3
6
4
7
5
1
2
3
4
8
7
6
5
NC
VS
VA
CS
FB
GND
OUT
VCC


Similar Part No. - AP1688

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
AP1680K6TR-G1 DIODES-AP1680K6TR-G1 Datasheet
327Kb / 9P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP1681 BCDSEMI-AP1681 Datasheet
346Kb / 13P
Off-line Primary Side Regulation Controller for Dimmable LED Driver
AP1681M-G1 BCDSEMI-AP1681M-G1 Datasheet
346Kb / 13P
Off-line Primary Side Regulation Controller for Dimmable LED Driver
More results

Similar Description - AP1688

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1903 INTERSIL-ISL1903 Datasheet
573Kb / 19P
Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
September 20, 2012
logo
Integrated Silicon Solu...
IS31LT3932 ISSI-IS31LT3932 Datasheet
766Kb / 12P
High PF universal LED Driver
logo
NXP Semiconductors
UM10570 PHILIPS-UM10570 Datasheet
140Kb / 11P
SSL4101DB02 4-channel high-efficiency universal mains constant current LED driver demo board
Rev. 1-5 June 2012
logo
Diodes Incorporated
AP1684 DIODES-AP1684 Datasheet
409Kb / 13P
AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
Rev 3
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 2
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
logo
Renesas Technology Corp
ISL1903 RENESAS-ISL1903 Datasheet
888Kb / 19P
Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
AiT Semiconductor Inc.
A9910 AITSEMI-A9910 Datasheet
242Kb / 8P
AC-DC LED DRIVER UNIVERSAL HIGH BRIGHTNESS LED DRIVER
REV1.0 - MAR 2013
logo
Diodes Incorporated
AP1684A DIODES-AP1684A Datasheet
435Kb / 13P
AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
August 2014 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com