Electronic Components Datasheet Search
  English  ▼

X  

AP1695 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1695
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1695 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP1695 Datasheet HTML 4Page - Diodes Incorporated AP1695 Datasheet HTML 5Page - Diodes Incorporated AP1695 Datasheet HTML 6Page - Diodes Incorporated AP1695 Datasheet HTML 7Page - Diodes Incorporated AP1695 Datasheet HTML 8Page - Diodes Incorporated AP1695 Datasheet HTML 9Page - Diodes Incorporated AP1695 Datasheet HTML 10Page - Diodes Incorporated AP1695 Datasheet HTML 11Page - Diodes Incorporated AP1695 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AP1695
Document number: DS37312 Rev. 1 - 2
8 of 15
www.diodes.com
June 2014
© Diodes Incorporated
AP1695
A Product Line of
Diodes Incorporated
Application Information Based on Buck Structure
The AP1695 uses constant on time control method within one AC cycle to achieve the high power factor. When the dimmer is connected to the
driver, although a part of input voltage is cut off by the dimmer, the system still operates as constant on time mode, in this way good dimmer
compatibility can be realized.
VCC
RI
GND
S
Drain
FB
L
N
RF
BD1
ZD1
L1
C1
C2
R6
R4
R5
R1
R7
R8
T1
U1
C3
F1
TVS1
LED+
LED-
D2
R10
C4
+
R9
R2
R3
D1
Q2
5
4
1
7
6
CS
2
3
Figure 1. Typical Buck Application Circuit
When the dimmer is connected, and the conduction angle of the dimmer is

, according to the control principle of the IC, the output current
can be got as below:
_
1
sin( )
1
( , )
( , )
28
2
0
cs ref
o
pk
V
if
II
R
else
 
 
 
 
 

(
)
In consider of the dead zone of the buck structure, the output current DC value can be calculated as below:
_
0
1
( , )
o mean
o
I
k
I
d
  

Where,
_
cs ref
V
is the reference of the current sense, and the typical value is 1V.
is the cut off angle of dimmer.
is the phase of the input voltage.
k is the current modification coefficient , and the value is approximate to be 0.7.
When no dimmer is connected with the driver (
0
), the output current DC value can be got as:
s_ref
_
1
8
c
o mean
V
Ik
R
  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com