Electronic Components Datasheet Search
  English  ▼

X  

BAV70L3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAV70L3
Description  Silicon Switching Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV70L3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAV70L3 Datasheet HTML 1Page - Infineon Technologies AG BAV70L3 Datasheet HTML 2Page - Infineon Technologies AG BAV70L3 Datasheet HTML 3Page - Infineon Technologies AG BAV70L3 Datasheet HTML 4Page - Infineon Technologies AG BAV70L3 Datasheet HTML 5Page - Infineon Technologies AG BAV70L3 Datasheet HTML 6Page - Infineon Technologies AG BAV70L3 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mar-10-2004
2
BAV70...
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
80
V
Peak reverse voltage
VRM
85
Forward current
IF
200
mA
Non-repetitive peak surge forward current
t = 1 µs
t = 1 ms
t = 1 s single
t = 1 s double
IFSM
4.5
1
0.5
0.75
A
Total power dissipation
BAV70, TS ≤ 33°C
BAV70F, TS ≤ tbd
BAV70L3, TS ≤ tbd
BAV70S, TS ≤ 85°C
BAV70T, TS ≤ 73°C
BAV70U, TS ≤ 90°C
BAV70W, TS ≤ 103°C
Ptot
250
250
250
250
250
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAV70
BAV70F
BAV70L3
BAV70S
BAV70T
BAV70U
BAV70W
RthJS
≤ 460
≤ tbd
≤ tbd
≤ 260
≤ 310
≤ 240
≤ 190
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com