| Electronic Components Datasheet Search |
|
PAM2861ABR Datasheet(PDF) 9 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
PAM2861ABR Datasheet(HTML) 9 Page - Diodes Incorporated |
|
9 / 12 page ![]() PAM2861 Document number: DSxxxxx Rev. 1 - 1 9 of 12 www.diodes.com July 2013 © Diodes Incorporated PAM2861 A Product Line of Diodes Incorporated Application Information (cont.) Diode Selection For maximum efficiency and performance, the rectifier (D1) should be a fast low capacitance Schottky diode with low reverse leakage at the maximum operating voltage and temperature. They also provide better efficiency than silicon diodes, due to a combination of lower forward voltage and reduced recovery time. It is important to select parts with a peak current rating above the peak coil current and a continuous current rating higher than the maximum output load current. It is very important to consider the reverse leakage of the diode when operating above +85°C. Excess leakage will increase the power dissipation in the device and if close to the load may create a thermal runaway condition. The higher forward voltage and overshoot due to reverse recovery time in silicon diodes will increase the peak voltage on the LX output. If a silicon diode is used, care should be taken to ensure that the total voltage appearing on the LX pin including supply ripple, does not exceed the specified maximum value. Ordering Information Part Number Part Marking Package Type Standard Package PAM2861ABR EQXYW TSOT25 3000 Units/ Tape&Reel PAM2861CBR P2861 XXXYW SOT89-5 1000 Units/ Tape&Reel Marking Information Top View TSOT25 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |