Electronic Components Datasheet Search
  English  ▼

X  

BB545 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BB545
Description  Silicon Variable Capcitance Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BB545 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BB545 Datasheet HTML 1Page - Infineon Technologies AG BB545 Datasheet HTML 2Page - Infineon Technologies AG BB545 Datasheet HTML 3Page - Infineon Technologies AG BB545 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Nov-07-2002
2
BB545 /BB565...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 30 V
VR = 30 V, TA = 85 °C
IR
-
-
-
-
10
200
nA
AC Characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 2 V, f = 1 MHz
VR = 25 V, f = 1 MHz
VR = 28 V, f = 1 MHz
CT
18.5
13.2
1.85
1.8
20
14.8
2.07
2
21.5
16.4
2.28
2.2
pF
Capacitance ratio
VR = 1 V, VR = 28 V, f = 1 MHz
CT1/CT28
9
10
11
-
Capacitance ratio
VR = 2 V, VR = 25 V, f = 1 MHz
CT2/CT25
6.3
7.2
8.1
Capacitance matching1)
VR = 1V to 28V, f = 1 MHz, 7 diodes sequence,
BB545
VR = 1V to 28V, f = 1 MHz, 4 diodes sequence,
BB565/ -02V
VR = 1V to 28V, f = 1 MHz, 7 diodes sequence,
BB565/ -02V
CT/CT
-
-
-
-
0.5
0.7
2.5
1.5
2
%
Series resistance
VR = 3 V, f = 470 MHz
rS
-
0.6
-

1For details please refer to Application Note 047



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com