Electronic Components Datasheet Search
  English  ▼

X  

CP2102 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # CP2102
Description  DEVICE CUSTOMIZATION GUIDE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2102 Datasheet(HTML) 3 Page - Silicon Laboratories

  CP2102 Datasheet HTML 1Page - Silicon Laboratories CP2102 Datasheet HTML 2Page - Silicon Laboratories CP2102 Datasheet HTML 3Page - Silicon Laboratories CP2102 Datasheet HTML 4Page - Silicon Laboratories CP2102 Datasheet HTML 5Page - Silicon Laboratories CP2102 Datasheet HTML 6Page - Silicon Laboratories CP2102 Datasheet HTML 7Page - Silicon Laboratories CP2102 Datasheet HTML 8Page - Silicon Laboratories CP2102 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
AN144
Rev. 2.0
3
4.1. Customizing Device Descriptors Using CP210xSetIDs.exe (CP2101/2/3/4/5)
CP210xSetIDs.exe is an example program that uses the CP210x Host API Functions implemented by
CP210xManufacturing.DLL. The program window is shown in Figure 1. CP210xSetIDs.exe demonstrates the
method of accessing and changing the descriptors contained in the connected device's programmable area. To
use CP210xSetIDs.exe, it is necessary to have the devices connected and have the unmodified device drivers that
shipped with the original CP210x kit installed. The customized device driver installation files that contain the VID
and PID values should also be installed. For information on creating customized device drivers for the CP210x,
refer to “AN220: USB Driver Customization.” The default driver must be installed so that the CP210x device with
the default factory settings appears in the device list. The customized drivers will be needed after the device IDs
have been changed and the CP210x device is reset.
All CP210x devices are programmed in the same manner using the CP210xSetIDs.exe tool, but each parameter
on the One-Time-Programmable (OTP) devices can only be programmed one time. The CP2101, CP2102, and
CP2103 parameters can be reprogrammed multiple times using the CP210xSetIDs.exe utility, but the CP2104 and
CP2105 parameters can only be programmed once using the CP210xSetIDs.exe utility. After the CP2104 and
CP2105 have been programmed once, the CP210xSetIDs.exe utility can be run, but the new values will not be
programmed into the device.
Before running CP210xSetIDs.exe, copy CP210xManufacturing.DLL into the \windows, \winnt, or \system32
directory, the directory containing the executable, or any directory in the “Path” environment variable.
Figure 1. CP210xSetIDs Example Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com