| Electronic Components Datasheet Search |
|
CP2103 Datasheet(PDF) 3 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
CP2103 Datasheet(HTML) 3 Page - Silicon Laboratories |
|
3 / 36 page ![]() AN169 Rev. 2.3 3 3. Host API Functions The host API is provided in the form of a Windows Dynamic Link Library (DLL). The host interface DLL communicates with the USB device via the provided device driver and the operating system's USB stack. The following is a list of the host API functions available: SI_GetNumDevices() - Returns the number of devices connected SI_GetProductString() - Returns a descriptor for a device SI_Open() - Opens a device and returns a handle SI_Close() - Cancels pending IO and closes a device SI_Read() - Reads a block of data from a device SI_Write() - Writes a block of data to a device SI_CancelIo() - Cancels outstanding overlapped IO SI_FlushBuffers() - Flushes the TX and RX buffers for a device SI_SetTimeouts() - Sets read and write block timeouts SI_GetTimeouts () - Gets read and write block timeouts SI_CheckRXQueue() - Returns the number of bytes in a device's RX queue SI_SetBaudRate() - Sets the specified CP210x Baud Rate SI_SetBaudDivisor() - Sets the specified CP210x Baud Divisor Value SI_SetLineControl() - Sets the CP210x device Line Control SI_SetFlowControl() - Sets the CP210x device Flow Control SI_GetModemStatus() - Gets the CP210x device Modem Status SI_SetBreak() - Sets the Break State for CP210x device. SI_ReadLatch() - Gets the port latch value from a CP2103 device SI_WriteLatch() - Sets the port latch value to a CP2103 device SI_GetPartNumber() - Gets the CP210x device part number SI_DeviceIOControl() - Allows sending low-level commands to the device driver SI_GetDLLVersion() - Gets the version of the DLL currently in use SI_GetDriverVersion() - Gets the version of the USBXpress driver In general, the user initiates communication with the target USB device(s) by making a call to SI_GetNumDevices. This call will return the number of target devices. This number is then used as a range when calling SI_GetProductString to build a list of device serial numbers or product description strings. To access a device, it must first be opened by a call to SI_Open using an index determined from the call to SI_GetNumDevices. The SI_Open function will return a handle to the device that is used in all subsequent accesses. Data I/O is performed using the SI_Write and SI_Read functions. When I/O operations are complete, the device is closed by a call to SI_Close. Additional functions are provided to flush the transmit and receive buffers (SI_FlushBuffers), set receive and transmit timeouts (SI_SetTimeouts), check the receive buffer's status (SI_CheckRXQueue), and miscellaneous device control (SI_DeviceIOControl). For CP210x devices, functions are available to set the baud rate (SI_SetBaudRate); set the baud divisor (SI_SetBaudDivisior); adjust the line control settings such as word length, stop bits, and parity (SI_SetLineControl); set hardware handshaking, software handshaking, and modem control signals (SI_SetFlowControl); and get modem status (SI_GetModemStatus). Additional functions are available for CP2103/4/5/8 devices to get (SI_ReadLatch) and set (SI_WriteLatch) the values of the additional GPIO pins available on the device. In order to differentiate between CP210x devices, a function (SI_GetPartNumber) has been provided to return the part number. Each of these functions are described in detail in the following sections. Type definitions and constants are defined in "Appendix D—Definitions from C++ header file SiUSBXp.h”. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |