Electronic Components Datasheet Search
  English  ▼

X  

AH9250 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH9250
Description  HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH9250 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH9250 Datasheet HTML 1Page - Diodes Incorporated AH9250 Datasheet HTML 2Page - Diodes Incorporated AH9250 Datasheet HTML 3Page - Diodes Incorporated AH9250 Datasheet HTML 4Page - Diodes Incorporated AH9250 Datasheet HTML 5Page - Diodes Incorporated AH9250 Datasheet HTML 6Page - Diodes Incorporated AH9250 Datasheet HTML 7Page - Diodes Incorporated AH9250 Datasheet HTML 8Page - Diodes Incorporated AH9250 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AH9250
Document number: DS38217 Rev.1 - 2
3 of 10
www.diodes.com
September 2015
© Diodes Incorporated
AH9250
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage (Note 5)
7
V
IDD
Supply Current (Fault)
6
mA
VOUT
Output Voltage
7
V
IOUT
Output Current
2
mA
B
Magnetic Flux Density
Unlimited
Gauss
PD
Power Dissipation
TO92S
230
mW
SC59
230
TSTG
Storage Temperature
-55 to +150
C
TJ
Junction Temperature
+150
C
–
ESD (Human Body Model) (Note 6)
5000
V
–
ESD (Machine Model) (Note 6)
400
V
Notes:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
5. The absolute maximum VDD of 7V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to operate the
device at the absolute maximum rated conditions for any period of time.
6. Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe Electro Static Discharge control procedures
whenever handling semiconductor products.
Recommended Operating Conditions
Symbol
Characteristic
Conditions
Min
Max
Unit
VDD
Supply Voltage
Operating
2.5
5.5
V
TA
Operating Temperature Range
Operating
-40
+85
°C
Electrical Characteristics (Note 7) (@TA = +25°C, VDD = 3V, unless otherwise specified.)
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage
Operating
2.5
3
5.5
V
IDD_AW
Supply Current
During “Awake”
Period
TA = -40 to +85C, VDD = 2.5V to 5.5V
–
1.8
3
mA
IDD_SL
Supply Current
During “Sleep” Period
TA = -40 to +85C, VDD = 2.5V to 5.5V
–
4
10
µA
IDD_AVG
Average Supply Current
TA = -40 to +85C, VDD = 2.5V to 5.5V
–
8
15
µA
IOUT
Output Current
–
–
–
1.0
mA
IOFF
Output Leakage Current
VOUT = 5.5V, Output off
–
<0.1
1
µA
VOUT (SAT)
Output Saturation Voltage
IOUT = 1.0mA, Output on
–
–
0.4
V
tAW
Awake Mode Time
Operating
–
150
–
µs
tSL
Sleep Mode Time
Operating
–
100
–
ms
D
Duty Cycle
–
–
0.15
–
%
fC
Chopper Frequency
–
–
15
–
kHz
Note:
7. Parameters values over operating temperature range are not tested in production, they are guaranteed by design, process control and characterization.
The magnetic characteristics may vary with supply voltage, operating temperature and after soldering.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com