Electronic Components Datasheet Search
  English  ▼

X  

AP7343 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP7343
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7343 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP7343 Datasheet HTML 3Page - Diodes Incorporated AP7343 Datasheet HTML 4Page - Diodes Incorporated AP7343 Datasheet HTML 5Page - Diodes Incorporated AP7343 Datasheet HTML 6Page - Diodes Incorporated AP7343 Datasheet HTML 7Page - Diodes Incorporated AP7343 Datasheet HTML 8Page - Diodes Incorporated AP7343 Datasheet HTML 9Page - Diodes Incorporated AP7343 Datasheet HTML 10Page - Diodes Incorporated AP7343 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AP7343
Document number: DS37952 Rev. 2 - 2
7 of 16
www.diodes.com
December 2015
© Diodes Incorporated
AP7343
Typical Characteristics (cont.)
Line Transient Response Waveforms(IOUT=30mA, tr=tf=5μs, CIN=none, COUT1=COUT2=1μF, TA=25°C)
0
10
20
30
40
50
60
70
80
90
2.8
3.3
3.8
4.3
4.8
5.3
Input Voltage V
IN (V)
Ripple Rejection vs. Input Voltage
V
OUT=2.8V
0.1KHz
1KHz
10KHz
100KHz
I
OUT=1mA
0
10
20
30
40
50
60
70
80
90
2.8
3.3
3.8
4.3
4.8
5.3
Input Voltage V
IN (V)
Ripple Rejection vs. Input Voltage
V
OUT=2.8V
0.1KHz
1KHz
10KHz
100KHz
I
OUT=30mA
VOUT = 1.8V
Time t (µs)
Output Voltage
Input Voltage
0
20
40
60
80
100
1.80
1.79
1.81
5
4
3
VOUT = 2.8V
Time t (µs)
Output Voltage
Input Voltage
0
20
40
60
80
100
2.80
2.79
2.81
5
4
3
VOUT = 3.3V
Time t (µs)
Output Voltage
Input Voltage
0
20
40
60
80
100
3.30
3.29
3.31
5
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com