Electronic Components Datasheet Search
  English  ▼

X  

AP9101C Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP9101C
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9101C Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP9101C Datasheet HTML 8Page - Diodes Incorporated AP9101C Datasheet HTML 9Page - Diodes Incorporated AP9101C Datasheet HTML 10Page - Diodes Incorporated AP9101C Datasheet HTML 11Page - Diodes Incorporated AP9101C Datasheet HTML 12Page - Diodes Incorporated AP9101C Datasheet HTML 13Page - Diodes Incorporated AP9101C Datasheet HTML 14Page - Diodes Incorporated AP9101C Datasheet HTML 15Page - Diodes Incorporated AP9101C Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AP9101C
Document number: DS37771 Rev. 3 - 2
12 of 18
www.diodes.com
December 2015
© Diodes Incorporated
AP9101C
Ordering Information
AP9101C X XX – XX XX XX
Packing
Package
TR : Tape & Reel
K : SOT25
K6 : SOT26
Product Name
Product Code
G1 : Green
Voltage & Delay Time
combination code
RoHS/Green
Power Down Mode
Blank: Yes
A: No (Auto-wake-up)
Voltage and Delay Time Combination
Part Number
Overcharge
Detection
Voltage
VCU
Overcharge
Release
Voltage
VCL
Over-
discharge
Detection
Voltage
VDL
Over-
discharge
Release
Voltage
VDU
Discharge
Overcurrent
Detection
Voltage
VDOC
Load Short
Detection
Voltage
VSHORT
Charge
Overurrent
Detection
Voltage
VCOC
Over
Voltage
Charger
Detection
Voltage
VOVCHG
Over
Voltage
Charger
Release
Voltage
VOVCHGR
Power-Down
Function
Overcharge
Protection
Mode
Delay
Time
0V Battery
Charge
Function
AP9101Cxxx-
AATRG1
4.375V
4.175V
2.500V
2.900V
0.150V
0.700V
-0.150V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9101Cxxx-
ABTRG1
4.425V
4.225V
2.500V
2.900V
0.150V
0.700V
-0.150V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9101Cxxx-
ACTRG1
4.375V
4.175V
2.500V
2.900V
0.095V
0.700V
-0.095V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9101Cxxx-
ADTRG1
4.375V
4.175V
2.500V
2.900V
0.120V
0.700V
-0.120V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9101Cxxx-
AETRG1
4.200V
4.100V
2.500V
3.000V
0.300V
0.550V
-0.100V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9101Cxxx-
AFTRG1
4.375V
4.175V
2.500V
2.900V
0.180V
0.700V
-0.180V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9101Cxxx-
AGTRG1
4.375V
4.175V
2.500V
2.900V
0.075V
0.700V
-0.075V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9101Cxxx-
AHTRG1
4.425V
4.225V
2.500V
2.900V
0.075V
0.700V
-0.075V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9101Cxxx-
AITRG1
4.500V
4.300V
2.400V
2.800V
0.150V
0.700V
-0.075V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9101Cxxx-
AJTRG1
4.375V
4.175V
2.400V
2.800V
0.125V
0.700V
-0.125V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9101Cxxx-
AKTRG1
4.250V
4.050V
2.400V
3.000V
0.150V
0.700V
-0.150V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9101Cxxx-
ALTRG1
4.275V
4.175V
2.300V
2.400V
0.180V
0.700V
-0.180V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9101Cxxx-
AMTRG1
4.375V
4.175V
2.300V
2.400V
0.180V
0.700V
-0.180V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9101Cxxx-
ANTRG1
4.225V
4.025V
3.200V
3.400V
0.060V
0.450V
-0.060V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9101Cxxx-
AOTRG1
4.425V
4.225V
2.500V
2.900V
0.064V
0.228V
-0.073V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com