Electronic Components Datasheet Search
  English  ▼

X  

AN452 Datasheet(PDF) 25 Page - Silicon Laboratories

Part # AN452
Description  WIRELESS M-BUS STACK PROGRAMMERS GUIDE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN452 Datasheet(HTML) 25 Page - Silicon Laboratories

Back Button AN452 Datasheet HTML 18Page - Silicon Laboratories AN452 Datasheet HTML 19Page - Silicon Laboratories AN452 Datasheet HTML 20Page - Silicon Laboratories AN452 Datasheet HTML 21Page - Silicon Laboratories AN452 Datasheet HTML 22Page - Silicon Laboratories AN452 Datasheet HTML 23Page - Silicon Laboratories AN452 Datasheet HTML 24Page - Silicon Laboratories AN452 Datasheet HTML 25Page - Silicon Laboratories AN452 Datasheet HTML 26Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
AN452
Rev. 0.1
25
Table 6. LINK_STATUS Enumeration Descriptions
Enumeration
Value
Description
LINK_STATUS_SUCCESS
0x00
Success
LINK_STATUS_PHY_ERROR
0x01
PHY_STATUS_ERROR
LINK_STATUS_PHY_ERROR_TIMEOUT
0x02
PHY_STATUS_ERROR_TIMEOUT
LINK_STATUS_PHY_ERROR_READ_ONLY_ADDRESS
0x03
PHY_STATUS_ERROR_READ_ONLY_ADDRESS
LINK_STATUS_PHY_ERROR_INVALID_ADDRESS
0x04
PHY_STATUS_ERROR_INVALID_ADDRESS
LINK_STATUS_PHY_ERROR_INVALID_VALUE
0x05
PHY_STATUS_ERROR_INVALID_VALUE
LINK_STATUS_PHY_ERROR_INVALID_STATE
0x06
PHY_STATUS_ERROR_INVALID_STATE
LINK_STATUS_PHY_ERROR_INVALID_LENGTH
0x07
PHY_STATUS_ERROR_INVALID_LENGTH
LINK_STATUS_PHY_ERROR_NOTHING_RECEIVED
0x08
PHY_STATUS_ERROR_NOTHING_RECEIVED
LINK_STATUS_PHY_ERROR_DECODING
0x09
PHY_STATUS_ERROR_DECODING
LINK_STATUS_PHY_ERROR_POR_TIMEOUT
0x0A
PHY_STATUS_ERROR_POR_TIMEOUT
LINK_STATUS_PHY_ERROR_XTAL_TIMEOUT,
0x0B
PHY_STATUS_ERROR_XTAL_TIMEOUT
LINK_STATUS_PHY_ERROR_UNSUPPORTED_RADIO
0x0C
PHY_STATUS_ERROR_UNSUPPORTED_RADIO
LINK_STATUS_PHY_ERROR_TX_TIMEOUT,
0x0D
PHY_STATUS_ERROR_TX_TIMEOUT
LINK_STATUS_PHY_ERROR_RX_INVALID_LENGTH
0x0E
PHY_STATUS_ERROR_RX_INVALID_LENGTH
LINK_STATUS_PHY_ERROR_RX_PACKET_INCOMPLETE
0x0F
PHY_STATUS_ERROR_RX_PACKET_INCOMPLETE
LINK_STATUS_INVALID_SIZE
0x40
Buffer is not large enough
LINK_STATUS_INVALID_ATTR
0x41
Invalid attribute ID
LINK_STATUS_NOT_PERMITTED
0x42
Attribute is read only or write only
LINK_STATUS_CRC_ERROR
0x43
Frame is invalid due to CRC mismatches
LINK_STATUS_FRAME_ERROR
0x44
Frame is invalid due to incorrect block format
LINK_STATUS_TX_RETRY_ERROR
0x45
Could not transmit service request (retries failed)
LINK_STATUS_UNKNOWN_ERROR
0xFF
Unspecified error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com