Electronic Components Datasheet Search
  English  ▼

X  

AP9214L Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP9214L
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9214L Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP9214L Datasheet HTML 9Page - Diodes Incorporated AP9214L Datasheet HTML 10Page - Diodes Incorporated AP9214L Datasheet HTML 11Page - Diodes Incorporated AP9214L Datasheet HTML 12Page - Diodes Incorporated AP9214L Datasheet HTML 13Page - Diodes Incorporated AP9214L Datasheet HTML 14Page - Diodes Incorporated AP9214L Datasheet HTML 15Page - Diodes Incorporated AP9214L Datasheet HTML 16Page - Diodes Incorporated AP9214L Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AP9214L
Document number: DS38413 Rev. 1 - 2
15 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9214L
Marking Information (Cont.)
Part Number
Package
Identification Code
AP9214LA-AA-HSB-7
U-DFN2535-6
14AA
AP9214LA-AB-HSB-7
U-DFN2535-6
14AB
AP9214LA-AC-HSB-7
U-DFN2535-6
14AC
AP9214LA-AD-HSB-7
U-DFN2535-6
14AD
AP9214LA-AE-HSB-7
U-DFN2535-6
14AE
AP9214LA-AF-HSB-7
U-DFN2535-6
14AF
AP9214LA-AG-HSB-7
U-DFN2535-6
S6
AP9214LA-AH-HSB-7
U-DFN2535-6
S8
AP9214LA-AI-HSB-7
U-DFN2535-6
14AI
AP9214LA-AJ-HSB-7
U-DFN2535-6
14AJ
AP9214LA-AK-HSB-7
U-DFN2535-6
14AK
AP9214LA-AL-HSB-7
U-DFN2535-6
14AL
AP9214LA-AM-HSB-7
U-DFN2535-6
14AM
AP9214LA-AN-HSB-7
U-DFN2535-6
14AN
AP9214LA-AA-HSBR-7
U-DFN2535-6
14AAR
AP9214LA-AB-HSBR-7
U-DFN2535-6
14ABR
AP9214LA-AC-HSBR-7
U-DFN2535-6
14ACR
AP9214LA-AD-HSBR-7
U-DFN2535-6
14ADR
AP9214LA-AE-HSBR-7
U-DFN2535-6
14AER
AP9214LA-AF-HSBR-7
U-DFN2535-6
14AFR
AP9214LA-AG-HSBR-7
U-DFN2535-6
R7
AP9214LA-AH-HSBR-7
U-DFN2535-6
RH
AP9214LA-AI-HSBR-7
U-DFN2535-6
14AIR
AP9214LA-AJ-HSBR-7
U-DFN2535-6
14AJR
AP9214LA-AK-HSBR-7
U-DFN2535-6
14AKR
AP9214LA-AL-HSBR-7
U-DFN2535-6
14ALR
AP9214LA-AM-HSBR-7
U-DFN2535-6
14AMR
AP9214LA-AN-HSBR-7
U-DFN2535-6
14ANR
AP9214L-AA-HSB-7
U-DFN2535-6
14A
AP9214L-AB-HSB-7
U-DFN2535-6
14B
AP9214L-AC-HSB-7
U-DFN2535-6
14C
AP9214L-AD-HSB-7
U-DFN2535-6
14D
AP9214L-AE-HSB-7
U-DFN2535-6
14E
AP9214L-AF-HSB-7
U-DFN2535-6
14F
AP9214L-AG-HSB-7
U-DFN2535-6
X8
AP9214L-AH-HSB-7
U-DFN2535-6
X9
AP9214L-AI-HSB-7
U-DFN2535-6
14I
AP9214L-AJ-HSB-7
U-DFN2535-6
14J
AP9214L-AK-HSB-7
U-DFN2535-6
14K
AP9214L-AL-HSB-7
U-DFN2535-6
14L
AP9214L-AM-HSB-7
U-DFN2535-6
14M
AP9214L-AN-HSB-7
U-DFN2535-6
14N
AP9214L-AA-HSBR-7
U-DFN2535-6
14AR
AP9214L-AB-HSBR-7
U-DFN2535-6
14BR
AP9214L-AC-HSBR-7
U-DFN2535-6
14CR
AP9214L-AD-HSBR-7
U-DFN2535-6
14DR
AP9214L-AE-HSBR-7
U-DFN2535-6
14ER
AP9214L-AF-HSBR-7
U-DFN2535-6
14FR
AP9214L-AG-HSBR-7
U-DFN2535-6
14GR
AP9214L-AH-HSBR-7
U-DFN2535-6
14HR
AP9214L-AI-HSBR-7
U-DFN2535-6
14IR
AP9214L-AJ-HSBR-7
U-DFN2535-6
14JR
AP9214L-AK-HSBR-7
U-DFN2535-6
14KR
AP9214L-AL-HSBR-7
U-DFN2535-6
14LR
AP9214L-AM-HSBR-7
U-DFN2535-6
14MR
AP9214L-AN-HSBR-7
U-DFN2535-6
14NR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com