Electronic Components Datasheet Search
  English  ▼

X  

AP9234L Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP9234L
Description  HIGH ACCURACY SINGLE CHIP SOLUTION FOR 1-CELL Li plus BATTERY PACK
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9234L Datasheet(HTML) 3 Page - Diodes Incorporated

  AP9234L Datasheet HTML 1Page - Diodes Incorporated AP9234L Datasheet HTML 2Page - Diodes Incorporated AP9234L Datasheet HTML 3Page - Diodes Incorporated AP9234L Datasheet HTML 4Page - Diodes Incorporated AP9234L Datasheet HTML 5Page - Diodes Incorporated AP9234L Datasheet HTML 6Page - Diodes Incorporated AP9234L Datasheet HTML 7Page - Diodes Incorporated AP9234L Datasheet HTML 8Page - Diodes Incorporated AP9234L Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AP9234L
Document number: DS38205 Rev. 1 - 2
3 of 14
www.diodes.com
December 2015
© Diodes Incorporated
AP9234L
Functional Block Diagram
Absolute Maximum Ratings (Notes 5 & 6)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage (Between VDD and VSS)
-0.3 to 12
V
VDS
DS Terminal Input Voltage
-0.3 to VDD+0.3
V
VDM
Charge Input Voltage (Between VDD and VM for Protection Chip)
-0.3 to 24
V
VDSS
MOSFET Drain-to-Source Voltage
24
V
VGSS
MOSFET Gate-to-Source Voltage
±12
V
ID
Continuous Drain Current, VGS=4.5V, TA = +25°C
9.0
A
Continuous Drain Current, VGS=4.5V, TA = +70°C
7.1
A
TJ
Maximum Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Notes:
5. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability.
6. Ratings apply to ambient temperature at +25°C. The JEDEC High-K board design used to derive this data was a 2 inch x 2 inch multilayer board with 2-
ounce internal power and ground planes and 2-ounce copper traces on the top and bottom of the board.
Logic Circuit
Logic Circuit
Delay Time
Circuit
0 V
Charge
Option
Level Shift
RVMD
RVMS
S2
S1
D2
D1
G1
G2
VDD
VSS
S1
S2
VM
D
EP
Test accelerate mode
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com