Electronic Components Datasheet Search
  English  ▼

X  

BC807U Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BC807U
Description  PNP Silicon Transistor Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC807U Datasheet(HTML) 1 Page - Infineon Technologies AG

  BC807U Datasheet HTML 1Page - Infineon Technologies AG BC807U Datasheet HTML 2Page - Infineon Technologies AG BC807U Datasheet HTML 3Page - Infineon Technologies AG BC807U Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BC807U
Nov-29-2001
1
PNP Silicon Transistor Array
 For AF input stages and driver applications
 High current gain
 Low collector-emitter saturation voltage
 Two ( galvanic) internal isolated Transistors
with good matching in one package
VPW09197
1
2
3
4
5
6
EHA07175
6
54
3
2
1
C1
B2
E2
C2
B1
E1
TR1
TR2
Type
Marking
Pin Configuration
Package
BC807U
5Bs
1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SC74
Maximum Ratings
Parameter
Value
Symbol
Unit
Collector-emitter voltage
V
VCEO
45
Collector-base voltage
VCBO
50
VEBO
5
Emitter-base voltage
DC collector current
IC
500
mA
Peak collector current
A
1
ICM
IB
100
Base current
mA
Peak base current
IBM
200
Total power dissipation, TS = 115 °C
Ptot
330
mW
Junction temperature
Tj
°C
150
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
105
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BC807U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC807U INFINEON-BC807U Datasheet
74Kb / 7P
PNP Silicon AF Transistor Array
2007-04-20
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
logo
Micro Commercial Compon...
BC807U MCC-BC807U Datasheet
379Kb / 3P
Dual PNP Transistor
logo
Infineon Technologies A...
BC807U INFINEON-BC807U Datasheet
528Kb / 7P
PNP Silicon AF Transistor Array
2011-08-11
logo
First Silicon Co., Ltd
BC807U FS-BC807U Datasheet
278Kb / 3P
General Purpose Transistors
More results

Similar Description - BC807U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC856U INFINEON-BC856U Datasheet
58Kb / 6P
PNP Silicon AF Transistor Array
Nov-29-2001
BC857S INFINEON-BC857S Datasheet
57Kb / 6P
PNP Silicon AF Transistor Array
Nov-29-2001
BCR183S INFINEON-BCR183S Datasheet
115Kb / 4P
PNP Silicon Digital Transistor Array
Dec-13-2001
BCR183U INFINEON-BCR183U Datasheet
115Kb / 4P
PNP Silicon Digital Transistor Array
Dec-13-2001
BCR192U INFINEON-BCR192U Datasheet
115Kb / 4P
PNP Silicon Digital Transistor Array
Dec-13-2001
BCR198S INFINEON-BCR198S Datasheet
115Kb / 4P
PNP Silicon Digital Transistor Array
Dec-13-2001
SMBT3906S INFINEON-SMBT3906S Datasheet
76Kb / 8P
PNP Silicon Switching Transistor Array
Nov-30-2001
SMBT3906U INFINEON-SMBT3906U Datasheet
77Kb / 8P
PNP Silicon Switching Transistor Array
Nov-30-2001
BCM856S INFINEON-BCM856S Datasheet
191Kb / 8P
PNP Silicon AF Transistor Array
Aug-30-2002
BC807U INFINEON-BC807U_11 Datasheet
528Kb / 7P
PNP Silicon AF Transistor Array
2011-08-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com