Electronic Components Datasheet Search
  English  ▼

X  

54ACQ573D Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACQ573D
Description  Quiet Series Octal Latch with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACQ573D Datasheet(HTML) 5 Page - National Semiconductor (TI)

  54ACQ573D Datasheet HTML 1Page - National Semiconductor (TI) 54ACQ573D Datasheet HTML 2Page - National Semiconductor (TI) 54ACQ573D Datasheet HTML 3Page - National Semiconductor (TI) 54ACQ573D Datasheet HTML 4Page - National Semiconductor (TI) 54ACQ573D Datasheet HTML 5Page - National Semiconductor (TI) 54ACQ573D Datasheet HTML 6Page - National Semiconductor (TI) 54ACQ573D Datasheet HTML 7Page - National Semiconductor (TI) 54ACQ573D Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DC Characteristics for ’ACTQ Family Devices (Continued)
54ACTQ
Symbol
Parameter
V
CC
T
A = −55˚C to +125˚C
Units
Conditions
(V)
Guaranteed Limits
I
OLD
(Note 9)
Minimum Dynamic
Output Current
5.5
50
mA
V
OLD = 1.65V Max
I
OHD
5.5
−50
mA
V
OHD = 3.85V Min
I
CC
Maximum Quiescent
5.5
80.0
µA
V
IN = VCC
Supply Current
or GND (Note 10)
V
OLP
Quiet Output
5.0
1.5
V
(Notes 11, 12)
Maximum Dynamic V
OL
V
OLV
Quiet Output
5.0
−1.2
V
(Notes 11, 12)
Minimum Dynamic V
OL
Note 8: All outputs loaded; thresholds on input associated with output under test.
Note 9: Maximum test duration 2.0 ms, one output loaded at a time.
Note 10: ICC for 54ACTQ @ 25˚C is identical to 74ACTQ @ 25˚C.
Note 11: Plastic DIP package.
Note 12: Max number of outputs defined as (n). Data Inputs are driven 0V to 3V. One output @ GND.
AC Electrical Characteristics
54ACQ
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 13)
C
L = 50 pF
Min
Max
t
PHL,
Propagation Delay
3.3
1.5
16.0
ns
t
PLH
D
n to On
5.0
1.5
11.0
t
PLH,
Propagation Delay
3.3
1.5
15.0
ns
t
PHL
LE to O
n
5.0
1.5
11.0
t
PZL,
Output Enable Time
3.3
1.5
13.5
ns
t
PZH
5.0
1.5
10.0
t
PHZ,
Output Disable Time
3.3
1.5
13.0
ns
t
PLZ
5.0
1.0
10.5
Note 13: Voltage Range 5.0 is 5.0V ±0.5V
Voltage Range 3.3 is 3.3V ±0.3V
AC Operating Requirements
54ACQ
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 14)
C
L = 50 pF
Guaranteed
Minimum
t
S
Setup Time, HIGH or LOW
3.3
4.0
ns
D
n to LE
5.0
4.0
t
H
Hold Time, HIGH or LOW
3.3
2.0
ns
D
n to LE
5.0
2.0
t
W
LE Pulse Width, HIGH
3.3
5.0
ns
5.0
5.0
Note 14: Voltage Range 5.0 is 5.0V ±0.5V
Voltage Range 3.3 is 3.3V ±0.3V
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com