Electronic Components Datasheet Search
  English  ▼

X  

SPFI005.T Datasheet(PDF) 2 Page - Littelfuse

Part # SPFI005.T
Description  SPFI SERIES IN-LINE SOLAR FUSE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPFI005.T Datasheet(HTML) 2 Page - Littelfuse

  SPFI005.T Datasheet HTML 1Page - Littelfuse SPFI005.T Datasheet HTML 2Page - Littelfuse SPFI005.T Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
littelfuse.com
© 2015 Littelfuse POWR-GARD® Products
Rev: 030915
POWR-GARD® Fuse Datasheet
2 of 3
SPFI SERIES IN-LINE SOLAR FUSE
Ordering Information
Electrical Specifications
SERIES
AMPERAGE
AMP CODE
CATALOG NUMBER
PRODUCT MARKING
PACK QUANTITY
ORDERING NUMBER
UPC
SPFI
2
002.
SPFI002
SPFI 2A
10
SPFI002.T
07945880898
50
SPFI002.L
07945880899
SPFI
2.5
02.5
SPFI02.5
SPFI 2 1/2A
10
SPFI02.5T
07945882604
50
SPFI02.5L
07945882605
SPFI
3
003.
SPFI003
SPFI 3A
10
SPFI003.T
07945880853
50
SPFI003.L
07945880854
SPFI
3.5
03.5
SPFI03.5
SPFI 3 1/2A
10
SPFI03.5T
07945879544
50
SPFI03.5L
07945879545
SPFI
4
004.
SPFI004
SPFI 4A
10
SPFI004.T
07945880900
50
SPFI004.L
07945880901
SPFI
5
005.
SPFI005
SPFI 5A
10
SPFI005.T
07945880902
50
SPFI005.L
07945880903
SPFI
6
006.
SPFI006
SPFI 6A
10
SPFI006.T
07945880855
50
SPFI006.L
07945880856
SPFI
8
008.
SPFI008
SPFI 8A
10
SPFI008.T
07945880857
50
SPFI008.L
07945880858
SPFI
10
010.
SPFI010
SPFI 10A
10
SPFI010.T
07945880859
50
SPFI010.L
07945880860
SPFI
12
012.
SPFI012
SPFI 12A
10
SPFI012.T
07945880861
50
SPFI012.L
07945880862
SPFI
15
015.
SPFI015
SPFI 15A
10
SPFI015.T
07945880863
50
SPFI015.L
07945880864
SPFI
20
020.
SPFI020
SPFI 20A
10
SPFI020.T
07945880865
50
SPFI020.L
07945880866
SPFI
25
025
SPFI025
SPFI 25A
10
SPFI025.T
07945882668
50
SPFI025.L
07945882669
SPFI
30
030
SPFI030
SPFI 30A
10
SPFI030.T
07945882670
50
SPFI030.L
07945882671
VOLTAGE
INTERRUPTING
RATING
WIRE RANGE
CU Only
(Solid/Stranded)
NOM COLD
RESISTANCE
(ohm)
WATTS LOSS AT 100%
RATED CURRENT (W)
WATTS LOSS AT 80%
RATED CURRENT (W)
TOTAL
CLEARING I2t
(A2s) 20 kA
DC
AC
DC
2
1000
–
20 kA
10-12 AWG (6-4 mm2)
0.237
1.59
0.85
5
2.5
1000
–
20 kA
10-12 AWG (6-4 mm2)
0.185
1.84
1.24
7.5
3
1000
–
20 kA
10-12 AWG (6-4 mm2)
0.11
1.50
0.82
7.9
3.5
1000
–
20 kA
10-12 AWG (6-4 mm2)
0.581
1.17
0.61
26
4
1000
–
20 kA
10-12 AWG (6-4 mm2)
0.06127
1.49
0.84
23
5
1000
–
20 kA
10-12 AWG (6-4 mm2)
0.04086
1.47
0.86
43
6
1000
–
20 kA
10-12 AWG (6-4 mm2)
0.0281
1.35
0.77
80
8
1000
–
20 kA
10-12 AWG (6-4 mm2)
0.0178
1.61
0.91
199
10
1000
–
20 kA
10-12 AWG (6-4 mm2)
0.0125
1.76
1.00
401
12
1000
–
20 kA
10-12 AWG (6-4 mm2)
0.00993
1.97
1.11
642
15
1000
–
20 kA
10-12 AWG (6-4 mm2)
0.00799
2.28
1.38
505
20
1000
–
20 kA
10-12 AWG (6-4 mm2)
0.0045
2.81
1.57
1313
25
1000
–
20 kA
10-12 AWG (6-4 mm2)
0.00353
2.98
1.75
2371
30
1000
–
20 kA
10-12 AWG (6-4 mm2)
0.00284
3.92
2.13
2679



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com