Electronic Components Datasheet Search
  English  ▼

X  

54ACT323 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT323
Description  8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT323 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACT323 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT323 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT323 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT323 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT323 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT323 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT323 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT323 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54ACT323
8-Bit Universal Shift/Storage Register with Synchronous
Reset and Common I/O Pins
General Description
The ’ACT323 is an 8-bit universal shift/storage register with
TRI-STATE® outputs. Parallel load inputs and flip-flop out-
puts are multiplexed to minimize pin count. Separate serial
inputs and outputs are provided for Q
0 and Q7 to allow easy
cascading. Four operation modes are possible: hold (store),
shift left, shift right and parallel load.
Features
n ICC and IOZ reduced by 50%
n Common parallel I/O for reduced pin count
n Additional serial inputs and outputs for expansion
n Four operating modes: shift left, shift right, load and
store
n TRI-STATE outputs for bus-oriented applications
n Outputs source/sink 24 mA
n TTL-compatible inputs
n Standard Military Drawing (SMD)
— ’ACT323: 5962-91607
Logic Symbols
Pin Name
Description
CP
Clock Pulse Input
DS
0
Serial Data Input for Right Shift
DS
7
Serial Data Input for Left Shift
S
0,S1
Mode Select Inputs
SR
Synchronous Reset Input
OE
1,OE2
TRI-STATE Output Enable Inputs
I/O
0– I/O7
Multiplexed Parallel Data Inputs or
TRI-STATE Parallel Data Outputs
Q
0,Q7
Serial Outputs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT™ is a trademark of Fairchild Semiconductor Corporation.
DS100328-1
DS100328-5
July 1998
© 1998 National Semiconductor Corporation
DS100328
www.national.com


Similar Part No. - 54ACT323

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
732Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
54ACT32 SS-54ACT32 Datasheet
494Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results

Similar Description - 54ACT323

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC323 ONSEMI-MC74AC323 Datasheet
302Kb / 8P
8-INPUT UNIVERSAL SHIFT/ STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
logo
NXP Semiconductors
74F323 PHILIPS-74F323 Datasheet
73Kb / 7P
8-bit universal shift/storage register with synchronous reset and common I/O pins 3-State
1990 Mar 01
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74ACT323 FAIRCHILD-74ACT323 Datasheet
55Kb / 6P
8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
74F323 FAIRCHILD-74F323 Datasheet
62Kb / 6P
Octal Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
National Semiconductor ...
DM54LS323 NSC-DM54LS323 Datasheet
152Kb / 8P
8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
54LS323 NSC-54LS323 Datasheet
124Kb / 5P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com