Electronic Components Datasheet Search
  English  ▼

X  

BC856U Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BC856U
Description  PNP Silicon AF Transistor Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC856U Datasheet(HTML) 1 Page - Infineon Technologies AG

  BC856U Datasheet HTML 1Page - Infineon Technologies AG BC856U Datasheet HTML 2Page - Infineon Technologies AG BC856U Datasheet HTML 3Page - Infineon Technologies AG BC856U Datasheet HTML 4Page - Infineon Technologies AG BC856U Datasheet HTML 5Page - Infineon Technologies AG BC856U Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BC856U
Nov-29-2001
1
PNP Silicon AF Transistor Array
 For AF input stages and driver applications
 High current gain
 Low collector-emitter saturation voltage
 Two ( galvanic) internal isolated Transistors
with good matching in one package
VPW09197
1
2
3
4
5
6
EHA07175
6
54
3
2
1
C1
B2
E2
C2
B1
E1
TR1
TR2
Type
Marking
Pin Configuration
Package
BC856U
3Ds
1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SC74
Maximum Ratings
Parameter
Symbol
Value
Unit
VCEO
65
Collector-emitter voltage
V
Collector-base voltage
80
VCBO
Collector-emitter voltage
VCES
80
Emitter-base voltage
5
VEBO
DC collector current
IC
100
mA
Peak collector current
200
ICM
250
Total power dissipation, TS = 118 °C
Ptot
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
130
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BC856U

ManufacturerPart #DatasheetDescription
logo
AUK corp
BC856U AUK-BC856U Datasheet
91Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
logo
Infineon Technologies A...
BC856U INFINEON-BC856U Datasheet
849Kb / 10P
PNP Silicon AF Transistor Arrays
2008-01-18
logo
KODENSHI_AUK CORP.
BC856U KODENSHI-BC856U Datasheet
274Kb / 4P
General purpose application
logo
Infineon Technologies A...
BC856U INFINEON-BC856U Datasheet
854Kb / 10P
PNP Silicon AF Transistor Arrays
2011-07-25
logo
First Silicon Co., Ltd
BC856U FS-BC856U Datasheet
324Kb / 6P
General Purpose Transistor
More results

Similar Description - BC856U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC846UPN INFINEON-BC846UPN Datasheet
151Kb / 6P
NPN/PNP Silicon AF Transistor Array
Aug-21-2002
BC847PN INFINEON-BC847PN Datasheet
59Kb / 6P
NPN/PNP Silicon AF Transistor Array
Jul-02-2001
BC856S INFINEON-BC856S Datasheet
58Kb / 6P
PNP Silicon AF Transistor Array
Nov-29-2001
BC857S INFINEON-BC857S Datasheet
57Kb / 6P
PNP Silicon AF Transistor Array
Nov-29-2001
SMBTA06UPN INFINEON-SMBTA06UPN Datasheet
142Kb / 5P
NPN/PNP Silicon AF Transistor Array
Aug-21-2002
BCM856S INFINEON-BCM856S Datasheet
191Kb / 8P
PNP Silicon AF Transistor Array
Aug-30-2002
BC807U INFINEON-BC807U_07 Datasheet
74Kb / 7P
PNP Silicon AF Transistor Array
2007-04-20
BCM856S INFINEON-BCM856S_07 Datasheet
92Kb / 9P
PNP Silicon AF Transistor Array
2007-04-27
BC807U INFINEON-BC807U_11 Datasheet
528Kb / 7P
PNP Silicon AF Transistor Array
2011-08-11
BCM856S INFINEON-BCM856S_11 Datasheet
548Kb / 9P
PNP Silicon AF Transistor Array
2011-10-05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com