Electronic Components Datasheet Search
  English  ▼

X  

BC856B Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BC856B
Description  PNP Silicon AF Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC856B Datasheet(HTML) 1 Page - Infineon Technologies AG

  BC856B Datasheet HTML 1Page - Infineon Technologies AG BC856B Datasheet HTML 2Page - Infineon Technologies AG BC856B Datasheet HTML 3Page - Infineon Technologies AG BC856B Datasheet HTML 4Page - Infineon Technologies AG BC856B Datasheet HTML 5Page - Infineon Technologies AG BC856B Datasheet HTML 6Page - Infineon Technologies AG BC856B Datasheet HTML 7Page - Infineon Technologies AG BC856B Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BC856...BC860
1
Dec-11-2001
PNP Silicon AF Transistors
 For AF input stages and driver applications
 High current gain
 Low collector-emitter saturation voltage
 Low noise between 30 Hz and 15 kHz
 Complementary types: BC846, BC847, BC848
BC849, BC850 (NPN)
1
2
3
VPS05161
Type
Marking
Pin Configuration
Package
BC856A
BC856B
BC857A
BC857B
BC857C
BC858A
BC858B
BC858C
BC859A
BC859B
BC859C
BC860B
BC860C
3As
3Bs
3Es
3Fs
3Gs
3Js
3Ks
3Ls
4As
4Bs
4Cs
4Fs
4Gs
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23


Similar Part No. - BC856B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856B PHILIPS-BC856B Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Transys Electronics
BC856B TRSYS-BC856B Datasheet
363Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Siemens Semiconductor G...
BC856B SIEMENS-BC856B Datasheet
271Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC856B FAIRCHILD-BC856B Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
Diodes Incorporated
BC856B DIODES-BC856B Datasheet
44Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
More results

Similar Description - BC856B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC807W INFINEON-BC807W Datasheet
47Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
BCP51 INFINEON-BCP51 Datasheet
48Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
PNP Silicon AF Transistors
Jul-23-2001
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
PNP Silicon AF Transistors
2007-04-20
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
PNP Silicon AF Transistors
2011-07-29
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
PNP Silicon AF Transistors
2011-09-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com