Electronic Components Datasheet Search
  English  ▼

X  

BC857AT Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BC857AT
Description  PNP Silicon AF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC857AT Datasheet(HTML) 2 Page - Infineon Technologies AG

  BC857AT Datasheet HTML 1Page - Infineon Technologies AG BC857AT Datasheet HTML 2Page - Infineon Technologies AG BC857AT Datasheet HTML 3Page - Infineon Technologies AG BC857AT Datasheet HTML 4Page - Infineon Technologies AG BC857AT Datasheet HTML 5Page - Infineon Technologies AG BC857AT Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC857T
Nov-29-2001
2
Electrical Characteristics
at TA = 25 °C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
V(BR)CEO
45
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
V(BR)CBO
50
-
-
Collector-emitter breakdown voltage
IC = 10 µA, VBE = 0
V(BR)CES
50
-
-
Emitter-base breakdown voltage
IE = 1 µA, IC = 0
V(BR)EBO
5
-
-
Collector cutoff current
VCB = 30 V, IE = 0
ICBO
-
-
15
nA
Collector cutoff current
VCB = 30 V, IE = 0 , TA = 150 °C
ICBO
-
-
5
µA
DC current gain
IC = 10 µA, VCE = 5 V
BC857AT
BC857BT
hFE
-
-
140
250
-
-
-
DC current gain
IC = 2 mA, VCE = 5 V
BC857AT
BC857BT
hFE
125
220
180
290
250
475
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VCEsat
-
-
75
250
300
650
mV
Base-emitter saturation voltage 1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VBEsat
-
-
700
850
-
-
Base-emitter voltage
IC = 2 mA, VCE = 5 V
IC = 10 mA, VCE = 5 V
VBE(ON)
600
-
650
-
750
820
1) Pulse test: t < 300
s; D < 2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com