Electronic Components Datasheet Search
  English  ▼

X  

BC847 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BC847
Description  NPN Silicon AF Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC847 Datasheet(HTML) 8 Page - Infineon Technologies AG

  BC847 Datasheet HTML 1Page - Infineon Technologies AG BC847 Datasheet HTML 2Page - Infineon Technologies AG BC847 Datasheet HTML 3Page - Infineon Technologies AG BC847 Datasheet HTML 4Page - Infineon Technologies AG BC847 Datasheet HTML 5Page - Infineon Technologies AG BC847 Datasheet HTML 6Page - Infineon Technologies AG BC847 Datasheet HTML 7Page - Infineon Technologies AG BC847 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
BC846...BC850
8
Nov-20-2002
Noise figure F = f (IC)
VCE = 5V, f = 1kHz
10
10
10
10
BC 846...850
EHP00373
F
mA
-3
-2
0
1
20
10
0
5
15
-1
10
= 1 M
100 k
10 k
dB
500
1 k
ΩΩ
Ω
S
R
Ω
Ω
C
Ι
Noise figure F = f (IC)
VCE = 5V, f = 120Hz
10
10
10
10
BC 846...850
EHP00372
F
mA
-3
-2
0
1
20
10
0
5
15
-1
10
= 1 M
100 k
10 k
dB
500
1 k
ΩΩ
Ω
S
R
Ω
Ω
C
Ι
Noise figure F = f (IC)
VCE = 5V, f = 10kHz
10
10
10
10
BC 846...850
EHP00374
F
mA
-3
-2
0
1
20
10
0
5
15
-1
10
= 1 M
100 k
10 k
dB
500
1 k
Ω
Ω
Ω
S
R
Ω
Ω
C
Ι



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com