Electronic Components Datasheet Search
  English  ▼

X  

BCP28 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCP28
Description  PNP Silicon Darlington Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCP28 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCP28 Datasheet HTML 1Page - Infineon Technologies AG BCP28 Datasheet HTML 2Page - Infineon Technologies AG BCP28 Datasheet HTML 3Page - Infineon Technologies AG BCP28 Datasheet HTML 4Page - Infineon Technologies AG BCP28 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BCP28, BCP48
1
Nov-29-2001
PNP Silicon Darlington Transistors
 For general AF applications
 High collector current
 High current gain
 Complementary types: BCP29/49 (NPN)
VPS05163
1
2
3
4
EHA00008
B(1)
E(3)
C(2,4)
Type
Marking
Pin Configuration
Package
BCP28
BCP48
BCP 28
BCP 48
1 = B
1 = B
2 = C
2 = C
3 = E
3 = E
4 = C
4 = C
SOT223
SOT223
Maximum Ratings
Parameter
Symbol
BCP28
BCP48
Unit
Collector-emitter voltage
VCEO
30
60
V
Collector-base voltage
VCBO
40
80
Emitter-base voltage
VEBO
10
10
DC collector current
IC
500
mA
800
mA
Peak collector current
ICM
Base current
IB
100
Peak base current
IBM
200
W
1.5
Total power dissipation, TS = 124 °C
Ptot
Junction temperature
150
°C
Tj
-65 ... 150
Storage temperature
Tstg
Thermal Resistance
Junction - soldering point1)
RthJS
17
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BCP28

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP28 SIEMENS-BCP28 Datasheet
153Kb / 5P
PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
logo
Diotec Semiconductor
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCP28

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
MPSA62 ONSEMI-MPSA62 Datasheet
157Kb / 4P
Darlington Transistors(PNP Silicon)
1996
MPSA75 ONSEMI-MPSA75 Datasheet
97Kb / 4P
Darlington Transistors(PNP Silicon)
1996
logo
Siemens Semiconductor G...
BD976 SIEMENS-BD976 Datasheet
118Kb / 4P
PNP SILICON DARLINGTON TRANSISTORS
logo
Leshan Radio Company
MMBTA63LT1 LRC-MMBTA63LT1 Datasheet
115Kb / 3P
Darlington Transistors(PNP Silicon)
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28 Datasheet
47Kb / 5P
PNP Silicon Darlington Transistors
Jul-12-2001
SMBTA63 INFINEON-SMBTA63 Datasheet
44Kb / 4P
PNP Silicon Darlington Transistors
Nov-30-2001
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1_06 Datasheet
60Kb / 4P
Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_07 Datasheet
72Kb / 8P
PNP Silicon Darlington Transistors
2007-04-20
BCV26 INFINEON-BCV26_11 Datasheet
528Kb / 7P
PNP Silicon Darlington Transistors
2011-10-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com