Electronic Components Datasheet Search
  English  ▼

X  

LM4040Q Datasheet(PDF) 9 Page - Diodes Incorporated

Part # LM4040Q
Description  AUTOMOTIVE GRADE PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040Q Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button LM4040Q Datasheet HTML 3Page - Diodes Incorporated LM4040Q Datasheet HTML 4Page - Diodes Incorporated LM4040Q Datasheet HTML 5Page - Diodes Incorporated LM4040Q Datasheet HTML 6Page - Diodes Incorporated LM4040Q Datasheet HTML 7Page - Diodes Incorporated LM4040Q Datasheet HTML 8Page - Diodes Incorporated LM4040Q Datasheet HTML 9Page - Diodes Incorporated LM4040Q Datasheet HTML 10Page - Diodes Incorporated LM4040Q Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LM4040Q
Document number: DS36989 Rev. 1 - 2
9 of 11
www.diodes.com
October 2015
© Diodes Incorporated
LM4040Q
Application Information
In a conventional shunt regulator application (Figure 1), an external series resistor (RS) is connected between the supply voltage, VS, and the
LM4040.
RS determines the current that flows through the load (IL) and the LM4040 (IR). Since load current and supply voltage may
vary, RS should be small enough to supply at least the minimum acceptable IR to the LM4040 even when the supply voltage
is at its minimum and the load current is at its maximum value. When the supply voltage is at its maximum and IL is at its
minimum, RS should be large enough so that the current flowing through the LM4040 is less than 15 mA.
RS is determined by the supply voltage, (VS), the load and operating current, (IL and IR), and the LM4040’s reverse
breakdown voltage, VR.
R
L
R
S
S
I
I
V
V
R
Printed circuit board layout considerations
LM4040Qs in the SOT23 package have the die attached to pin 1, which results in an electrical contact between pin 2 and pin
3. Therefore, pin 1 of the SOT-23 package must be left floating or connected to pin 2.
Ordering Information
Order Code
+25°C
Tol
Voltage
(V)
Package
(Note 6)
Package
Code
Identification
Code
Packing: 7” Tape and Reel
Qualification Grade
(Note 7)
Quantity Tape Width Part Number Suffix
LM4040B25QFTA
0.2%
2.5
SOT23
F
R2B
3,000
8mm
TA
Automotive Grade
LM4040B30QFTA
3.0
SOT23
F
R3B
3,000
8mm
TA
Automotive Grade
LM4040B50QFTA
5.0
SOT23
F
R5B
3,000
8mm
TA
Automotive Grade
LM4040C25QFTA
0.5%
2.5
SOT23
F
R2C
3,000
8mm
TA
Automotive Grade
LM4040C30QFTA
3.0
SOT23
F
R3C
3,000
8mm
TA
Automotive Grade
LM4040C50QFTA
5.0
SOT23
F
R5C
3,000
8mm
TA
Automotive Grade
LM4040D25QFTA
1%
2.5
SOT23
F
R2D
3,000
8mm
TA
Automotive Grade
LM4040D30QFTA
3.0
SOT23
F
R3D
3,000
8mm
TA
Automotive Grade
LM4040D50QFTA
5.0
SOT23
F
R5D
3,000
8mm
TA
Automotive Grade
Note:
6. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
7
. LM4040Q is classified as “Automotive Grade” and supports PPAP documentation. See LM4040 datasheet for commercial qualified versions.
RS
VS
IR +
IL
IR
IL
VR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com