Electronic Components Datasheet Search
  English  ▼

X  

LM4041Q Datasheet(PDF) 6 Page - Diodes Incorporated

Part # LM4041Q
Description  AUTOMOTIVE GRADE 1.225V AND ADJUSTABLE PRECISION REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4041Q Datasheet(HTML) 6 Page - Diodes Incorporated

  LM4041Q Datasheet HTML 1Page - Diodes Incorporated LM4041Q Datasheet HTML 2Page - Diodes Incorporated LM4041Q Datasheet HTML 3Page - Diodes Incorporated LM4041Q Datasheet HTML 4Page - Diodes Incorporated LM4041Q Datasheet HTML 5Page - Diodes Incorporated LM4041Q Datasheet HTML 6Page - Diodes Incorporated LM4041Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LM4041Q
Document number: DS37001 Rev. 1 - 2
6 of 7
www.diodes.com
March 2014
© Diodes Incorporated
LM4041Q
A Product Line of
Diodes Incorporated
Ordering Information
Order Code
+25°C
Tol
Voltage
(V)
Package
(Note 5)
Package
Code
Identification
Code
Packing: 7” Tape and Reel
Qualification Grade
(Note 6)
Quantity Tape width Part Number Suffix
LM4041CQFTA
0.5%
1.225
SOT23
F
R1C
3000
8mm
TA
Automotive Grade
LM4041DQFTA
1%
1.225
SOT23
F
R1D
3000
8mm
TA
Automotive Grade
LM4041DADJQFTA 1%
Adj
SOT23
F
RAD
3000
8mm
TA
Automotive Grade
Note:
5.
Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf
6.
LM4041Q has been been qualified to AEC-Q100 grade 1 and is classified as “Automotive Grade” supporting PPAP documentation.
See LM4041 datasheet for commercial qualified versions.
Marking Information
RXX : Identification code
Package Outline Information
Please see AP02001 at http://www.diodes.com/datasheets/ap02002.pdf for latest version
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.890
1.00
0.975
K1
0.903
1.10
1.025
L
0.45
0.61
0.55
L1
0.25
0.55
0.40
M
0.085 0.150 0.110
a
8°
All Dimensions in mm
J
K 1
K
L 1
H
L
M
A l l 7 °
A
C
B
D
a



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com