Electronic Components Datasheet Search
  English  ▼

X  

PAM8304 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8304
Description  3W MONO CLASS D AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8304 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8304 Datasheet HTML 1Page - Diodes Incorporated PAM8304 Datasheet HTML 2Page - Diodes Incorporated PAM8304 Datasheet HTML 3Page - Diodes Incorporated PAM8304 Datasheet HTML 4Page - Diodes Incorporated PAM8304 Datasheet HTML 5Page - Diodes Incorporated PAM8304 Datasheet HTML 6Page - Diodes Incorporated PAM8304 Datasheet HTML 7Page - Diodes Incorporated PAM8304 Datasheet HTML 8Page - Diodes Incorporated PAM8304 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PAM8304
Document number: DS36589 Rev. 1 - 2
2 of 11
www.diodes.com
October 2013
© Diodes Incorporated
PAM8304
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Name
MSOP-8L/DFN3x3-8L
Function
OUT+
1
Positive BTL Output
PVDD
2
Power Supply
VDD
3
Analog Power Supply
IN-
4
Negative Differential Input
IN+
5
Positive Differential Input
/SD
6
Shutdown Terminal, Active Low
GND
7
Ground
OUT-
8
Negative BTL Output
Exposed Pad
NC
Functional Block Diagram
SD
+
-
PWM
Modulator
SD
UVLO
Startup
Protection
OSC
Bias and
Vref
Gate
Drive
Gate
Drive
SC
Protect
OTP
IN+
IN-
PVDD
OUT+
OUT-
GND
VDD
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage (VDD)
6.5
V
Input Voltage (IN+, IN-, /SD)
-0.3 to VDD +0.3
V
Storage Temperature
-65 to +150
°C
Maximum Junction Temperature
150
°C
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage
2.8
6.0
V
TA
Operating Ambient Temperature Range
-40
+85
°C
TJ
Junction Temperature Range
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com