Electronic Components Datasheet Search
  English  ▼

X  

BC858C Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BC858C
Description  PNP Silicon AF Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC858C Datasheet(HTML) 7 Page - Infineon Technologies AG

  BC858C Datasheet HTML 1Page - Infineon Technologies AG BC858C Datasheet HTML 2Page - Infineon Technologies AG BC858C Datasheet HTML 3Page - Infineon Technologies AG BC858C Datasheet HTML 4Page - Infineon Technologies AG BC858C Datasheet HTML 5Page - Infineon Technologies AG BC858C Datasheet HTML 6Page - Infineon Technologies AG BC858C Datasheet HTML 7Page - Infineon Technologies AG BC858C Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BC856...BC860
7
Dec-11-2001
h parameter he = f (VCE) normalized
IC = 2mA
0
010
20
30
BC 856...860
EHP00384
V
CE
h
e
V
1.0
0.5
1.5
2.0
= 2 mA
h11
12
h
h 22
C
Ι
h parameter he = f (IC) normalized
VCE = 5V
10
10
10
BC 856...860
EHP00383
mA
-1
0
1
5
e
h
2
10
-1
10
1
10
10 0
5
5
5
h
11e
h
12e
h
21e
h
22e
V
CE = 5 V
C
Ι
Noise figure F = f (VCE)
IC = 0.2mA, RS = 2k, f = 1kHz
0
10
10
10
10
BC 856...860
EHP00385
V
CE
F
V
10
5
15
dB
20
-1
012
5
5
Noise figure F = f (f)
IC = 0.2mA, VCE = 5V, RS = 2k
10
10
10
10
BC 856...860
EHP00386
F
kHz
dB
-2
-1
1
2
20
10
0
5
15
f
0
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com