Electronic Components Datasheet Search
  English  ▼

X  

BCP68 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCP68
Description  NPN Silicon AF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCP68 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCP68 Datasheet HTML 1Page - Infineon Technologies AG BCP68 Datasheet HTML 2Page - Infineon Technologies AG BCP68 Datasheet HTML 3Page - Infineon Technologies AG BCP68 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BCP68
1
Nov-29-2001
NPN Silicon AF Transistor
 For general AF applications
 High collector current
 High current gain
 Low collector-emitter saturation voltage
 Complementary type: BCP69 (PNP)
VPS05163
1
2
3
4
Type
Marking
Pin Configuration
Package
BCP68
BCP68-10
BCP68-16
BCP68-25
BCP 68
BCP 68-10
BCP 68-16
BCP 68-25
1 = B
1 = B
1 = B
1 = B
2 = C
2 = C
2 = C
2 = C
3 = E
3 = E
3 = E
3 = E
4 = C
4 = C
4 = C
4 = C
SOT223
SOT223
SOT223
SOT223
Maximum Ratings
Parameter
Symbol
Unit
Values
VCEO
20
Collector-emitter voltage
V
Collector-emitter voltage
V
25
VCES
VCBO
Collector-base voltage
25
V
Emitter-base voltage
VEBO
5
IC
1
A
DC collector current
Peak collector current
ICM
2
Base current
IB
mA
100
IBM
200
Peak base current
W
1.5
Ptot
Total power dissipation, TS = 124 °C
Junction temperature
150
Tj
°C
Tstg
-65 .. 150
Storage temperature
Thermal Resistance
Junction - soldering point1)
RthJS
17
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BCP68

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
NPN medium power transistor
1999 Apr 08
logo
Zetex Semiconductors
BCP68 ZETEX-BCP68 Datasheet
43Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP68 SIEMENS-BCP68 Datasheet
136Kb / 4P
NPN Silicon AF Transistor (For general AF application High collector current High current gain)
logo
Fairchild Semiconductor
BCP68 FAIRCHILD-BCP68 Datasheet
35Kb / 3P
NPN General Purpose Amplifier
logo
Unisonic Technologies
BCP68 UTC-BCP68 Datasheet
91Kb / 2P
NPN MEDIUM POWER POWER
More results

Similar Description - BCP68

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
NPN Silicon AF Transistor
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
NPN Silicon AF Transistor
logo
Infineon Technologies A...
BCW65 INFINEON-BCW65 Datasheet
50Kb / 5P
NPN Silicon AF Transistor
Jul-10-2001
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
NPN Silicon AF Transistor
Feb-20-2002
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
NPN Silicon AF Transistor
2008-10-20
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
NPN Silicon AF Transistor
2008-10-10
BC817-16 INFINEON-BC817-16 Datasheet
864Kb / 11P
NPN Silicon AF Transistor
2008-04-11
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
NPN Silicon AF Transistor
2011-09-19
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
NPN Silicon AF Transistor
2011-09-19
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
NPN Silicon AF Transistor
2011-08-30
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com