Electronic Components Datasheet Search
  English  ▼

X  

PAM8320RDR Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM8320RDR
Description  20W Mono Class D Audio Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8320RDR Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM8320RDR Datasheet HTML 1Page - Diodes Incorporated PAM8320RDR Datasheet HTML 2Page - Diodes Incorporated PAM8320RDR Datasheet HTML 3Page - Diodes Incorporated PAM8320RDR Datasheet HTML 4Page - Diodes Incorporated PAM8320RDR Datasheet HTML 5Page - Diodes Incorporated PAM8320RDR Datasheet HTML 6Page - Diodes Incorporated PAM8320RDR Datasheet HTML 7Page - Diodes Incorporated PAM8320RDR Datasheet HTML 8Page - Diodes Incorporated PAM8320RDR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PAM8320
Document number: DS36610 Rev. 1 - 2
5 of 11
www.diodes.com
October 2013
© Diodes Incorporated
PAM8320
A PRODUCT LINE OF
DIODES INCORPORATED
Performance Characteristics (@TA=25°C, VDD=12V, Gain=20dB, RL=L(33μH)+R+L(33μH), unless otherwise noted.)
Efficiency Vs. Output Power (RL=8Ω)
Efficiency Vs. Output Power (RL=4Ω)
Quiescent Current Vs. Supply Voltage
OSC Frequency Vs. Supply Voltage
Case Temperature Vs. Output Power (RL=4Ω)
Turn-on Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com