Electronic Components Datasheet Search
  English  ▼

X  

PAM8403H Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8403H
Description  FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8403H Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8403H Datasheet HTML 1Page - Diodes Incorporated PAM8403H Datasheet HTML 2Page - Diodes Incorporated PAM8403H Datasheet HTML 3Page - Diodes Incorporated PAM8403H Datasheet HTML 4Page - Diodes Incorporated PAM8403H Datasheet HTML 5Page - Diodes Incorporated PAM8403H Datasheet HTML 6Page - Diodes Incorporated PAM8403H Datasheet HTML 7Page - Diodes Incorporated PAM8403H Datasheet HTML 8Page - Diodes Incorporated PAM8403H Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PAM8403H
Document number: DSxxxxx Rev. 1 - 0
3 of 11
www.diodes.com
November 2012
© Diodes Incorporated
PAM8403H
A Product Line of
Diodes Incorporated
Functional Block Diagram
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Supply Voltage Range
6.0
V
Input Voltage
-0.3 to VDD +0.3
Operation Temperature Range
-40 to +85
°C
Maximum Junction Temperature
150
Operation Junction Temperature
-40 to +125
Storage Temperature
-65 to 150
Soldering Temperature
300, 5sec
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage Range
2.5 to 5.5
V
Operation Temperature Range
-40 to +85
°C
Junction Temperature Range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com