Electronic Components Datasheet Search
  English  ▼

X  

PAM8408DR Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PAM8408DR
Description  2x3W STEREO DIFFERENTIAL INPUT CLASS D AUDIO AMPLIFIER WITH MEMORY UP/DOWN VOLUME
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8408DR Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PAM8408DR Datasheet HTML 3Page - Diodes Incorporated PAM8408DR Datasheet HTML 4Page - Diodes Incorporated PAM8408DR Datasheet HTML 5Page - Diodes Incorporated PAM8408DR Datasheet HTML 6Page - Diodes Incorporated PAM8408DR Datasheet HTML 7Page - Diodes Incorporated PAM8408DR Datasheet HTML 8Page - Diodes Incorporated PAM8408DR Datasheet HTML 9Page - Diodes Incorporated PAM8408DR Datasheet HTML 10Page - Diodes Incorporated PAM8408DR Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PAM8408
Document number: DS36992 Rev. 1 - 2
9 of 11
www.diodes.com
June 2014
© Diodes Incorporated
PAM8408
A PRODUCT LINE OF
DIODES INCORPORATED
Application Information (cont.)
PCB Layout Guidelines
Grounding
At this stage it is paramount that we acknowledge the need for separate grounds. Noise currents in the output power stage need to be returned to
output noise ground and nowhere else. Were these currents to circulate elsewhere, they may get into the power supply, the signal ground, etc,
worse yet, they may form a loop and radiate noise. Any of these instances results in degraded amplifier performance. The logical returns for the
output noise currents associated with Class D switching are the respective PGND pins for each channel. The switch state diagram illustrates that
PGND is instrumental in nearly every switch state. This is the perfect point to which the output noise ground trace should return. Also note that
output noise ground is channel specific. A two channels amplifier has two mutually exclusive channels and consequently must have two mutually
exclusive output noise ground traces. The layout of the PAM8408 offers separate PGND connections for each channel and in some cases each
side of the bridge. Output noise grounds must tie to system ground at the power in exclusively. Signal currents for the inputs, reference, etc need
to be returned to quite ground. This ground only ties to the signal components and the GND pin. GND then ties to system ground.
Power Supply Line
As same to the ground, VDD and each channel PVDD need to be separated and tied together at the system power supply. Recommend that all
the trace could be routed as short and thick as possible. For the power line layout, just imagine water stream, any barricade placed in the trace
(shows in figure 4) could result in the bad performance of the amplifier.
Figure 4
Components Placement
The power supply decoupling capacitors need to be placed as close to VDD pins as possible. The inputs need to be routed away from the noisy
trace.
Ordering Information
PAM8408 X X
D: SO-16L
R: Tape & Real
Part Number
Package
Standard Package
PAM8408DR
SO-16L
2,500Units/Tape&Real
Shipping Package
Package Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com