Electronic Components Datasheet Search
  English  ▼

X  

PAM8904 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8904
Description  18VPP OUTPUT PEIZO SOUNDER DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8904 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8904 Datasheet HTML 1Page - Diodes Incorporated PAM8904 Datasheet HTML 2Page - Diodes Incorporated PAM8904 Datasheet HTML 3Page - Diodes Incorporated PAM8904 Datasheet HTML 4Page - Diodes Incorporated PAM8904 Datasheet HTML 5Page - Diodes Incorporated PAM8904 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAM8904
Document number: DS37246 Rev. 1 - 2
3 of 6
www.diodes.com
April 2014
© Diodes Incorporated
PAM8904
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C,VIN=3.0V, CPiezo=15nF, fDIN=4KHz, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT1
1x Mode
2.8
3
V
VOUT2
2x Mode
5.2
6
V
VOUT3
3x Mode
7.2
9
V
Operating Current 1
IDD11
1x Mode, CPIEZO = No Load
50
µA
IDD12
2x Mode, CPIEZO = No Load
720
µA
IDD13
3x Mode, CPIEZO = No Load
1700
µA
Operating Current 2
IDD21
1x Mode, Single-ended application
0.3
mA
IDD22
2x Mode, Single-ended application
1.4
mA
IDD23
3x Mode, Single- ended application
3.9
mA
Operating Current 3
IDD31
1x Mode, Differential application
0.9
mA
IDD32
2x Mode, Differential application
3.6
mA
IDD33
3x Mode, Differential application
7.9
mA
Shutdown Current
ISD
DIN = 0V
1
µA
Input Frequency
fIN
Rectangular pulse
4
kHz
Oscillating Frequency
fOSC
1
MHz
VOUT Start Delay Time
TON1
1x Mode, From DIN signal High to 90% VOUT
steady state
270
µs
TON2
2x Mode, From DIN signal High to 90% VOUT
steady state
320
µs
TON3
3x Mode From DIN signal High to 90% VOUT
steady state
350
µs
Shutdown Delay Time
TOFF
DIN = H- >L
42
ms
Output Short-circuit Current
ISC
40
mA
Control Terminal Voltage H
VIH
EN1, EN2, DIN pins
0.8*VIN
VIN
V
Control Terminal Voltage L
VIL
EN1, EN2, DIN pins
0
0.2*VIN
V
Control Terminal Current 1
IIH1
DIN = 3V
1
µA
Control Terminal Current 2
IIH2
VEN1, VEN2 = 3V,DIN = 3V
1
µA
Control Terminal Current 3
IIH3
VEN1, VEN2 = 3V, DIN = 0V
1
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com