Electronic Components Datasheet Search
  English  ▼

X  

TS1001 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # TS1001
Description  SUB-1 V CURRENT SENSING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1001 Datasheet(HTML) 2 Page - Silicon Laboratories

  TS1001 Datasheet HTML 1Page - Silicon Laboratories TS1001 Datasheet HTML 2Page - Silicon Laboratories TS1001 Datasheet HTML 3Page - Silicon Laboratories TS1001 Datasheet HTML 4Page - Silicon Laboratories TS1001 Datasheet HTML 5Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN833
2
Rev. 1.1
Figure 2. Measured V_iload vs. Input Current
Amplifier input offset voltages need to be considered carefully in this circuit. The TS1001 op amp is specified with
±3 mV maximum input offset voltage at 25 °C, which corresponds to ±3 mA of error. Figure 2 shows an offset of
approximately 2.5 mA. Another consideration is that Q1 exhibits drain-source leakage current of a few 10s of
nanoamps at 25 °C and can approach 1µA over the commercial temperature range. Since the current through Q1
is effectively controlled by the TS1001’s loop, any drain-source leakage from Q1 appears as a current floor and
generates a corresponding minimum voltage output across R3 below which current cannot be measured until the
op amp “takes over” at higher measured currents. Therefore, normal methods of removing the current sense
amplifier input offset voltage by subtracting the zero-load voltage at V_iin will not work, since the offset voltage due
to the op amp’s Vos and the current floor from Q1’s drain-source leakage cannot be separated.
Table 1. Current Sense Amplifier Circuit Supply Current vs. Load Current
Load Current
Current Used by the Current Sense Amplifier
0
860 nA
50 mA
48.1 µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com