Electronic Components Datasheet Search
  English  ▼

X  

AN837 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # AN837
Description  How to Configure a Low-Power Timer/Oscillator to Operate from Higher Supply Voltages
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN837 Datasheet(HTML) 1 Page - Silicon Laboratories

  AN837 Datasheet HTML 1Page - Silicon Laboratories AN837 Datasheet HTML 2Page - Silicon Laboratories AN837 Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 1.0 1/15
Copyright © 2015 by Silicon Laboratories
AN837
AN837
How to Configure a Low-Power Timer/Oscillator to Operate from Higher
Supply Voltages
1. Introduction
Low-power, low voltage CMOS timers/oscillators like the TS3001/TS3002 are specified to operate at 1 V,
consuming supply currents as low as 1 µA. While the TS3001/TS3002 has an operating VDD voltage range of
0.9 V–1.8 V, systems running from higher supply voltages can also take advantage of the low supply currents of
this micropower timer, by adding a few inexpensive transistors to the operating circuit.
In the circuit below, Q2 drops the voltage from a higher V+ voltage to supply the TS3002 at a reduced voltage. The
VBE voltage of Q1 provides a compensating voltage for the VBE of Q2, providing some temperature tracking. The
values R1 and R2 can be changed to optimize the design for other V+ voltage ranges, as shown in Table 1.
Q3, together with R5, provide an output level translation function, so that the output voltage can swing to V+ if
needed. Q3 was chosen for its low output capacitance (specified at 3 pF with VDS = 15 V; estimated at 10 pF with
VDS = 3 V). The value of R5 can be decreased to increase positive-going slew rates, at the expense of current
drawn from V+. With R5=220 k
, trise = 2.2 µs during the rising edge of FOUT.
Figure 1. TS3002 Operating from a CR2032 Coin Cell
R2
1M
R1
1M
C1
0.1µF
V+
2.3V-3.3V
Q1
2N3904
Q2
2N3904
Q3
½ CMRDM3590
FOUT
PWMOUT
R6
220K
R5
220K
TS3002
R3
1M
R4
4.32M
C3B
10pF
FOUT
BOOST
PWMOUT
CTRL
CSET
GND
RSET
VDD
U1
CR2032
coin
cell
C2
1nF
C3A
10pF
Q4
½ CMRDM3590
(optional- for
PWM output)


Similar Part No. - AN837

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8377N PANASONIC-AN8377N Datasheet
50Kb / 4P
3-channel Linear Driver
More results

Similar Description - AN837

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2669 STMICROELECTRONICS-AN2669 Datasheet
103Kb / 8P
How to configure the STM8A microcontroller clocks
25-Sep-2008
AN3140 STMICROELECTRONICS-AN3140 Datasheet
272Kb / 14P
How to configure the SPEAr3xx general purpose timers
03-May-2010
AN3202 STMICROELECTRONICS-AN3202 Datasheet
167Kb / 11P
How to configure the SPEAr600 general purpose timers
03-May-2010
logo
Pasternack Enterprises,...
PE3CA1004 PASTERNACK-PE3CA1004 Datasheet
391Kb / 4P
Operate from DC to 6GHz
PE3CA1011 PASTERNACK-PE3CA1011 Datasheet
392Kb / 4P
Operate from DC to 6GHz
PE3CA1018 PASTERNACK-PE3CA1018 Datasheet
395Kb / 4P
Operate from DC to 6GHz
PE3CA1025 PASTERNACK-PE3CA1025 Datasheet
385Kb / 4P
Operate from DC to 6GHz
PE3CA1030 PASTERNACK-PE3CA1030 Datasheet
386Kb / 4P
Operate from DC to 6GHz
logo
Silicon Laboratories
AN746 SILABS-AN746 Datasheet
1Mb / 30P
How to configure the Si4012
logo
Maxim Integrated Produc...
MAX22502EEVKIT MAXIM-MAX22502EEVKIT Datasheet
663Kb / 7P
Configurable to Operate from a Single 3V to 5V Supply
Rev 0; 9/17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com