Electronic Components Datasheet Search
  English  ▼

X  

TS1100 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # TS1100
Description  Current Sense Amplifier Performance Comparison
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1100 Datasheet(HTML) 5 Page - Silicon Laboratories

  TS1100 Datasheet HTML 1Page - Silicon Laboratories TS1100 Datasheet HTML 2Page - Silicon Laboratories TS1100 Datasheet HTML 3Page - Silicon Laboratories TS1100 Datasheet HTML 4Page - Silicon Laboratories TS1100 Datasheet HTML 5Page - Silicon Laboratories TS1100 Datasheet HTML 6Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AN836
Rev. 1.0
5
2.2. Performance Comparison Results
The results are shown in Table 2 where VSENSE, ILOAD, and VOUT were measured for both devices.
2.3. Parasitic Resistance Considerations
Because the RSENSE resistor and trace resistances can vary from board to board, each demo board’s ILOAD was
adjusted using its own active load in order to equalize the VSENSE voltage. In a design, it is important to measure
the exact sense resistor value and then calculate the necessary load current while taking into account any small
trace resistances that can affect the load current measurement.
3. Conclusion
Because its input offset voltage is 3 times lower than the MAX9634, the TS1100 exhibits an improved load current
sense accuracy by a factor of 2 over the MAX9634. Available in a pcb-space saving SOT23-5 package, the
TS1100 consumes less than 1µA of supply current, can be used in applications that operate from 2 V to 25 V, and
is available in four gain options: 25, 50, 100, and 200. This makes the TS1100 an ideal solution for load current
measurement in power conscious applications. See documentation on the TS1100 Current-Sense Amplifier and
TS9634 Current-Sense Amplifier. For additional information, contact Silicon Labs.
Table 2. TS1100 and MAX9634 Data Sheet Specifications
TS1100-50
MAX9634F
%error = 0.64%
%error = 1.28%
ILOAD = ±100 mA
RSENSE = 50m ±1%
VSENSE = 5 mV
VOUT(measured) = 248.4 mV
VOUT(ideal) = 250 mV
ILOAD = ±100 mA
RSENSE = 50m ±1%
VSENSE = 5 mV
VOUT(measured) = 248.4 mV
VOUT(ideal) = 250 mV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com