Electronic Components Datasheet Search
  English  ▼

X  

EM3591 Datasheet(PDF) 32 Page - Silicon Laboratories

Part # EM3591
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3591 Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button EM3591 Datasheet HTML 28Page - Silicon Laboratories EM3591 Datasheet HTML 29Page - Silicon Laboratories EM3591 Datasheet HTML 30Page - Silicon Laboratories EM3591 Datasheet HTML 31Page - Silicon Laboratories EM3591 Datasheet HTML 32Page - Silicon Laboratories EM3591 Datasheet HTML 33Page - Silicon Laboratories EM3591 Datasheet HTML 34Page - Silicon Laboratories EM3591 Datasheet HTML 35Page - Silicon Laboratories EM3591 Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
EM359x
32
Rev 1.0
4.5. Integrated Voltage Regulator
The EM359x integrates two low dropout regulators to provide 1.8 V and 1.25 V power supplies. The 1V8 regulator
supplies the analog and memories, and the 1V25 regulator supplies the digital core. In deep sleep the voltage
regulators are disabled. An external 1.8 V regulator may replace both internal regulators. The always-on domain
needs to be minimally powered at 2.1 V, and cannot be powered from the external 1.8 V regulator.
Refer to chapter 6 in the Ember EM359x Reference Manual for more information.
4.6. Peripherals
4.6.1. GPIO
The EM359x has 32 multi-purpose GPIO pins, which may be individually configured as:

General purpose output

General purpose open-drain output

Alternate output controlled by a peripheral device

Alternate open-drain output controlled by a peripheral device

Analog

General purpose input

General purpose input with pull-up or pull-down resistor
The 32 GPIO pins are grouped into five ports. Each pin has a 4-bit configuration value in its GPIO_PxCFGH/L
register. If a GPIO has two peripherals that can be the source of alternate output mode data, then other registers in
addition to GPIO_PxCFGH/L determine which peripheral controls the output. For some GPIOs the
GPIO_PxCFGH/L configuration will be overridden. These functions are forced when the EM359x is reset and
remain forced until software or an external debugger overrides the forced functions.
Refer to chapter 7 in the Ember EM359x Reference Manual for more information.
4.6.2. Serial Controllers
The EM359x has four serial controllers, SC1, SC2, SC3, and SC4, which provide several options for full-duplex
synchronous and asynchronous serial communications.

SPI (Serial Peripheral Interface), master or slave

TWI (Two Wire serial Interface), master only

UART (Universal Asynchronous Receiver/Transmitter), SC1 and SC3 only

Receive and transmit FIFOs and DMA channels, SPI and UART modes
The SC1, SC2, SC3, and SC4 SPI controllers include an SPI master controller with the following features:

Full duplex operation

Programmable clock frequency (12 MHz max.)

Programmable clock polarity and phase

Selectable data shift direction (either LSB or MSB first)

Receive and transmit FIFOs

Receive and transmit DMA channels
The SC1, SC2, SC3, and SC4 SPI controllers include a SPI slave controller with these features:

Full duplex operation

Up to 5 Mbps data transfer rate

Programmable clock polarity and clock phase

Selectable data shift direction (either LSB or MSB first)

Slave select input
SC1, SC2, SC3, and SC4 include a Two Wire serial Interface (TWI) master controller with the following features:

Uses only two bidirectional GPIO pins

Programmable clock frequency (up to 400 kHz)

Supports both 7-bit and 10-bit addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com