Electronic Components Datasheet Search
  English  ▼

X  

HV2801 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV2801
Description  Low Charge Injection 32-Channel High Voltage Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2801 Datasheet(HTML) 2 Page - Supertex, Inc

  HV2801 Datasheet HTML 1Page - Supertex, Inc HV2801 Datasheet HTML 2Page - Supertex, Inc HV2801 Datasheet HTML 3Page - Supertex, Inc HV2801 Datasheet HTML 4Page - Supertex, Inc HV2801 Datasheet HTML 5Page - Supertex, Inc HV2801 Datasheet HTML 6Page - Supertex, Inc HV2801 Datasheet HTML 7Page - Supertex, Inc HV2801 Datasheet HTML 8Page - Supertex, Inc HV2801 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
HV2801
Supertex inc.
www.supertex.com
Doc.# DSFP-HV2801
NR013113
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Parameter
Value
V
DD logic supply
-0.5V to +6.5V
V
PP-VNN differential supply
220V
V
PP positive supply
-0.5V to V
NN +200V
V
NN negative supply
+0.5V to -200V
Logic input voltage
-0.5V to V
DD +0.3V
Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65°C to 150°C
Power dissipation
1.5W
Recommended Operating Conditions
Sym
Parameter
Value
V
DD
Logic power supply voltage
3.0V to 5.5V
V
PP
Positive high voltage supply
+40V to V
NN +200V
V
NN
Negative high voltage supply
-40V to -160V
V
IH
High level input voltage
0.9V
DD to VDD
V
IL
Low level input voltage
0V to 0.1V
DD
V
SIG
Analog signal voltage peak-to-peak
V
NN +10V to VPP -10V
T
A
Operating free air temperature
0OC to 70OC
Pin Configuration
Notes:
1.
Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2.
V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transition.
3.
Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than 1.0msec.
Product Marking
64-Lead QFN (K6)
64-Lead QFN (K6)
(top view)
Package may or may not include the following marks: Si or
1
64
L = Lot Number
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
HV2801K6
LLLLLLLLL
YYWW
AAA CCC
-G indicates package is RoHS compliant (‘Green’)
Ordering Information
Part Number
Package Option
Packing
HV2801K6-G
64-Lead QFN (9x9)
260/Tray
Typical Thermal Resistance
Package
θ
ja
64-Lead QFN
21OC/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com