Electronic Components Datasheet Search
  English  ▼

X  

HV2808 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV2808
Description  Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2808 Datasheet(HTML) 2 Page - Supertex, Inc

  HV2808 Datasheet HTML 1Page - Supertex, Inc HV2808 Datasheet HTML 2Page - Supertex, Inc HV2808 Datasheet HTML 3Page - Supertex, Inc HV2808 Datasheet HTML 4Page - Supertex, Inc HV2808 Datasheet HTML 5Page - Supertex, Inc HV2808 Datasheet HTML 6Page - Supertex, Inc HV2808 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Supertex inc.
www.supertex.com
HV2808
Doc.# DSFP-HV2808
C121712
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Parameter
Value
V
DD logic supply
-0.5V to +6.5V
V
PP-VNN differential supply
220V
V
PP positive supply
-0.5V to V
NN +200V
V
NN negative supply
+0.5V to -200V
Logic input voltage
-0.5V to V
DD +0.3V
Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65°C to 150°C
Thermal resistance, θ
ja
27OC/W
Thermal resistance, θ
jc
0.5OC/W
Recommended Operating Conditions
Sym
Parameter
Value
V
DD
Logic power supply voltage
3.0 to 5.5V
V
PP
Positive high voltage supply
+40 to V
NN +200V
V
NN
Negative high voltage supply
-40 to -160V
V
IH
High level input voltage
0.9V
DD to VDD
V
IL
Low level input voltage
0 to 0.1V
DD
V
SIG
Analog signal voltage peak-to-peak
V
NN +10V to VPP -10V
T
A
Operating free air temperature
0 to 70OC
Notes:
1.
Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2.
V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transition.
3.
Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than 1.0msec.
Pin Configuration
Product Marking
56-Lead QFN
56-Lead QFN
(top view)
Package may or may not include the following marks: Si or
1
56
L = Lot Number
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
HV2808K6
LLLLLLLLL
YYWW
AAA CCC
Typical Thermal Characteristics
Package
θ
ja
56-Lead QFN (K6)
21OC/W
Ordering Information
Part Number
Package Option
Packing
HV2808K6-G
56-Lead QFN (8x8)
250/Tray
HV2808K6-G M937
56-Lead QFN (8x8)
2000/Reel
-G indicates package is RoHS compliant (‘Green’)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com