Electronic Components Datasheet Search
  English  ▼

X  

12014 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 12014
Description  Series 0503 Pin-Line??Socket Series 0503 Pin-Line??Socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

12014 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  12014 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
12014
Rev. 5.1
1 of 1
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR STRIP SOCKETS WITH SOLDER PIN TAILS, SEE DATA SHEETS 12013
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
FEATURES
• RowsofSocketStripsmaybeMountedonAnyCentersandareEnd-to-endorSide-to-sideStack-
ablefor0.100[2.54]GridorMatrixPatterns
• AvailablewithSolderPinTailsorWireWrapPins
• SocketStripscanbeCuttotheDesiredNumberofPositionswith“break”Feature
GENERAL SPECIFICATIONS
•
BODY MATERIAL:RedUL94-HBGlass-filledNylon–ConsultfactoryforUL94V-0material
•
PIN BODY:Brass3601/2-hardperUNSC36000ASTMB16-85
•
PIN BODY PLATING:10µ[0.25µ]min.AuperMIL-G-45204–OR– 200µ[5.08µ]min.
93/7Sn/PbperMIL-P-81728over100µ[2.54µ]min.NiperQQ-N-290
•
4-FINGER COLLET CONTACT:BeCuperUNSC17200ASTMB194-92
•
CONTACT PLATING:30µ[0.76µ]min.AuperMIL-G-45204over50µmin.[1.27µ]Niper
QQ-N-290
•
CONTACT CURRENT RATING:3amps
•
OPERATING TEMPERATURE:221°F[105°C]Snplating;257°F[125°C]Auplating
•
INSERTION FORCE:180g/pin,basedon0.018[0.46]dia.testlead
•
WITHDRAWAL FORCE:90g/pin,basedon0.018[0.46]dia.testlead
•
NORMAL FORCE:140g/pin,basedon0.018[0.46]dia.testlead
•
ACCEPTS LEADS:0.015-0.025[0.38-0.64]dia.,0.110-0.162[2.79-4.11]long
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE:0.045±0.002[1.14±0.05]dia.
Series 0503 Pin-Line™ Socket
w/Collet Contacts & Wire Wrap Pins
ORDERING INFORMATION
XX 0503-X X
Plating
0=AuCollet,SnShell
0TL=AuCollet,Sn/PbShell
1=AuCollet&Shell
Termination
2=2-levelWireWrapPins
3=3-levelWireWrapPins
Series
No. of Pins
1 to 25
Wire Wrap Levels
Dim. “L”
2-level
0.360[9.14]
3-level
0.500[12.70]


Similar Part No. - 12014

ManufacturerPart #DatasheetDescription
logo
Evolt
12014 EKTOR-12014 Datasheet
2Mb / 5P
HOVER SWITCH ADV
3rd of February 2025 04:56:21
logo
Weidmuller
1201400000 WEIDMULLER-1201400000 Datasheet
31Mb / 340P
HDC-KIT-HA 03.300
logo
PHOENIX CONTACT
1201413 PHOENIX-1201413 Datasheet
216Kb / 19P
Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
1201413 PHOENIX-1201413 Datasheet
184Kb / 22P
Disconnect terminal block - PT 1,5/S-TG
1201413 PHOENIX-1201413 Datasheet
255Kb / 5P
E/UK 1 - End bracket
More results

Similar Description - 12014

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-03319PC GLENAIR-240-03319PC Datasheet
137Kb / 2P
Micro-D Filter Connectors Pin-Socket In-Line Filter Adapters
947-139NF21-35 GLENAIR-947-139NF21-35 Datasheet
471Kb / 2P
Pin/Pin or Socket/Socket In-Line Connector
logo
Aries Electronics, Inc.
08-0503-31 ARIES-08-0503-31 Datasheet
189Kb / 2P
Series 0503 Pin-Line Collet Sockets with Wire Wrap Pins
logo
Tyco Electronics
4016-2 MACOM-4016-2 Datasheet
5Mb / 100P
M Series Pin and Socket Connectors
1-66740-1 MACOM-1-66740-1 Datasheet
5Mb / 100P
M Series Pin and Socket Connectors
logo
Glenair, Inc.
240-033 GLENAIR-240-033 Datasheet
109Kb / 2P
Micro-D Pin-Socket In-Line Filter Adapters
logo
Aries Electronics, Inc.
12008 ARIES-12008 Datasheet
572Kb / 1P
Series 511 Strip-Line Socket w/Bifurcated Contacts & Solder Pin Tails
12010 ARIES-12010 Datasheet
611Kb / 1P
Series 700 Elevator Strip-Line??Socket w/Bifurcated Contacts & Solder Pin Tails
12013 ARIES-12013 Datasheet
543Kb / 1P
Series 0513 Pin-Line??Socket Strips w/Collet Contacts & Solder Pin Tails
logo
EXCEL CELL ELECTRONIC C...
EMS ECE-EMS Datasheet
314Kb / 9P
MACHINE PIN SOCKET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com