Electronic Components Datasheet Search
  English  ▼

X  

SI1102 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI1102
Description  OPTICAL PROXIMITY DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1102 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI1102 Datasheet HTML 7Page - Silicon Laboratories SI1102 Datasheet HTML 8Page - Silicon Laboratories SI1102 Datasheet HTML 9Page - Silicon Laboratories SI1102 Datasheet HTML 10Page - Silicon Laboratories SI1102 Datasheet HTML 11Page - Silicon Laboratories SI1102 Datasheet HTML 12Page - Silicon Laboratories SI1102 Datasheet HTML 13Page - Silicon Laboratories SI1102 Datasheet HTML 14Page - Silicon Laboratories SI1102 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Si1102
Rev. 1.0
11
Figure 9. Proximity Detection Distance vs. Target Reflectivity (with IR Filter)
Figure 10. Proximity Detection Distance vs. Ambient Light (with IR Filter)
Detection Distance
5
10
15
20
25
30
35
40
10
20
30
40
50
60
70
80
90
100
R1 (kohm)
18% Gray Card, CFL 300 lx
82% White Card CFL 300 lx
18% Gray Card, Incandescent
300 lx
82% White Card, Incandescent
300 lx
Detection Distance
5
10
15
20
25
30
35
40
20
30
40
50
60
70
80
90
100
R1 (kohm)
18% Gray Card, 0 lx
18% Gray Card, CFL 300 lx
18% Gray Card, CFL 1000 lx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com