Electronic Components Datasheet Search
  English  ▼

X  

12019 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 12019
Description  Single and Dual Row Surface Mount Collet Socket ??Series 518
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

12019 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  12019 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
12019
Rev. 7.3
1 of 1
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
FEATURES
• AvailableinSingleandDualRowStrips
• SocketStripstobecuttothenumberofpositionsdesiredwith‘break’Feature
• CompatiblewithAutomaticInsertionEquipment
• Side-to-sideandEnd-to-endStackable
GENERAL SPECIFICATIONS
•
BODY MATERIAL:BlackUL94V-0Glass-filled4/6Nylon
•
PIN BODY:Brass3601/2-hardperUNSC36000ASTMB16/B16M-05
•
PIN BODY PLATING:10µ[0.25µ]min.AuperMIL-G-45204–OR–200µ[5.08µ]min.
93/7Sn/PbperASTMB545
–OR–200µ[5.08µ]min.SnperASTMB545Type1over
100µ[2.54µ]min.NiperSAEAMS-QQ-N-290B
•
4-FINGER COLLET CONTACT:BeCuperUNSC17200ASTMB194-08
•
CONTACT PLATING:10µ[0.25µ]AuperMIL-G-45204over50µmin.[1.27µ]Niper
SAEAMS-QQ-N-290B
•
CONTACT CURRENT RATING:3amps
•
OPERATING TEMPERATURE:-67°Fto221°F[-55°Cto105°C]forSnplating;-67°Fto
257°F[-55°Cto125°C]forAuplating
•
INSERTION FORCE:180g/pin,basedon0.018[0.46]dia.testlead
•
WITHDRAWAL FORCE:90g/pin,basedon0.018[0.46]dia.testlead
•
NORMAL FORCE:140g/pin,basedon0.018[0.46]dia.testlead
•
ACCEPTS LEADS:0.015-0.025[0.38-0.64]dia.,0.100-0.125[2.54-3.18]long
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB PAD SIZE: 0.063 [1.60] dia.
Single and Dual Row Surface Mount
Collet Socket – Series 518
ORDERING INFORMATION
XX-X 518-X XX
Plating
0 = AuCollet,SnShell
0TL = AuCollet,Sn/PbShell
Termination
0 = SurfaceMountTail
Series
No. of Rows
0SingleRow
1DualRow
No. of Pins per Socket
1Row–1to40Pins
2Rows–2to66Pins


Similar Part No. - 12019

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
12019 NORGREN-12019 Datasheet
243Kb / 11P
Pneufit Push-in Tube Fittings Inch 1⁄8" – 1⁄2" O/D tube
01/97
logo
ITT Industries
120190-0163 ITT-120190-0163 Datasheet
12Mb / 79P
Cannon APD Series ISO 15170 Connectors
logo
Festo Corporation.
1201924 FESTO-1201924 Datasheet
95Kb / 1P
Motor flange
logo
PHOENIX CONTACT
1201934 PHOENIX-1201934 Datasheet
50Kb / 2P
Tool - ISS 6
1201947 PHOENIX-1201947 Datasheet
48Kb / 2P
Tool - ISS 8
More results

Similar Description - 12019

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
03-0518-10 ARIES-03-0518-10 Datasheet
274Kb / 1P
Series X518 Single and Dual Row Collet Sockets with Solder Tail Pins
logo
Major League Electronic...
PC156S-04 MAJOR-LEAGUE-PC156S-04 Datasheet
238Kb / 1P
.156cl Single Row Surface Mount Socket Strip
PC200S-04 MAJOR-LEAGUE-PC200S-04 Datasheet
96Kb / 2P
.200cl Single Row Surface Mount Socket Strip
logo
Aries Electronics, Inc.
08-0508-31 ARIES-08-0508-31 Datasheet
275Kb / 2P
Series X508 Single and Dual Row Collet Sockets with Wire Wrap Pins
28-0508-20 ARIES-28-0508-20 Datasheet
275Kb / 2P
Series X508 Single and Dual Row Collet Sockets with Wire Wrap Pins
12016 ARIES-12016 Datasheet
924Kb / 2P
Series 518 Open Frame Socket w/Collet Contacts & Solder Pin Tails
12018 ARIES-12018 Datasheet
858Kb / 1P
Series 518 Open Frame Socket w/Collet Contacts & Surface Mount Pins
12020 ARIES-12020 Datasheet
709Kb / 1P
Single and Dual Row Solder Pin Tails Collet Socket ??Series 518
12021 ARIES-12021 Datasheet
740Kb / 1P
Single and Dual Row Wire Wrap Pins Collet Socket ??Series 508
12026 ARIES-12026 Datasheet
594Kb / 1P
Series 518 Open Frame Capacitor Socket w/Collet Contacts & Solder Pin Tails
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com