Electronic Components Datasheet Search
  English  ▼

X  

BCR119F Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCR119F
Description  NPN silicon Digital Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR119F Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCR119F Datasheet HTML 1Page - Infineon Technologies AG BCR119F Datasheet HTML 2Page - Infineon Technologies AG BCR119F Datasheet HTML 3Page - Infineon Technologies AG BCR119F Datasheet HTML 4Page - Infineon Technologies AG BCR119F Datasheet HTML 5Page - Infineon Technologies AG BCR119F Datasheet HTML 6Page - Infineon Technologies AG BCR119F Datasheet HTML 7Page - Infineon Technologies AG BCR119F Datasheet HTML 8Page - Infineon Technologies AG BCR119F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
May-17-2004
1
BCR119.../SEMH7
NPN silicon Digital Transistor
• Switching circuit, inverter, interface circuit,
driver circuit
• Built in resistor (R1=4.7kΩ)
• For 6-PIN packages: two (galvanic) internal
isolated transistors with good matching
in one package
BCR119/F/L3
BCR119T/W
BCR119S
SEMH7
EHA07264
3
12
BE
C
1
R
EHA07265
6
54
3
2
1
C1
B2
E2
C2
B1
E1
TR1
TR2
R1
R1
Type
Marking
Pin Configuration
Package
BCR119
BCR119F
BCR119L3
BCR119S
BCR119T
BCR119W
SEMH7
WKs
WKs
WK
WKs
WKs
WKs
WK
1=B
1=B
1=B
1=E1
1=B
1=B
1=E1
2=E
2=E
2=E
2=B1
2=E
2=E
2=B1
3=C
3=C
3=C
3=C2
3=C
3=C
3=C2
-
-
-
4=E2
-
-
4=E2
-
-
-
5=B2
-
-
5=B2
-
-
-
6=C1
-
-
6=C1
SOT23
TSFP-3
TSLP-3-4
SOT363
SC75
SOT323
SOT666


Similar Part No. - BCR119F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR119F INFINEON-BCR119F Datasheet
258Kb / 12P
NPN silicon Digital Transistor
2007-08-02
More results

Similar Description - BCR119F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR133 INFINEON-BCR133 Datasheet
490Kb / 10P
NPN Silicon Digital Transistor
Jun-14-2004
BCR135 INFINEON-BCR135 Datasheet
490Kb / 10P
NPN Silicon Digital Transistor
May-17-2004
BCR503 INFINEON-BCR503 Datasheet
43Kb / 4P
NPN Silicon Digital Transistor
Jun-29-2001
BCR523 INFINEON-BCR523 Datasheet
114Kb / 4P
NPN Silicon Digital Transistor
Dec-13-2001
BCR108TE6327 INFINEON-BCR108TE6327 Datasheet
216Kb / 9P
NPN Silicon Digital Transistor
Aug-29-2003
BCR142 INFINEON-BCR142_07 Datasheet
118Kb / 10P
NPN Silicon Digital Transistor
2007-09-17
BCR503 INFINEON-BCR503_07 Datasheet
138Kb / 6P
NPN Silicon Digital Transistor
2007-07-24
BCR505 INFINEON-BCR505_07 Datasheet
138Kb / 6P
NPN Silicon Digital Transistor
2007-07-31
BCR135E6327 INFINEON-BCR135E6327 Datasheet
873Kb / 11P
NPN Silicon Digital Transistor
2011-08-19
BCR116S-E6327 INFINEON-BCR116S-E6327 Datasheet
873Kb / 11P
NPN Silicon Digital Transistor
2011-08-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com