Electronic Components Datasheet Search
  English  ▼

X  

DSM80100M Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DSM80100M
Description  PNP TRANSISTOR WITH DUAL SERIES SWITCHING DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSM80100M Datasheet(HTML) 2 Page - Diodes Incorporated

  DSM80100M Datasheet HTML 1Page - Diodes Incorporated DSM80100M Datasheet HTML 2Page - Diodes Incorporated DSM80100M Datasheet HTML 3Page - Diodes Incorporated DSM80100M Datasheet HTML 4Page - Diodes Incorporated DSM80100M Datasheet HTML 5Page - Diodes Incorporated DSM80100M Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DSM80100M
Document number: DS37319 Rev. 2 - 2
2 of 6
www.diodes.com
November 2014
© Diodes Incorporated
DSM80100M
Maximum Ratings
– Q1 (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-4.0
V
Continuous Collector Current
IC(MAX)
-500
mA
Peak Pulse Collector Current @ DC Increment for IC;
IB = 300mA; test duration >10s for each step.
ICM
-1.0
A
Base Current
IB
-200
mA
Maximum Ratings
– D1, D2 (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 5)
IFM
300
mA
Average Rectified Output Current (Note 5)
IO
200
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
IFSM
20
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
600
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RJA
208
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics
– Q1 (@T
A = +25°C, unless otherwise specified.)
Characteristic (Note 6)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-80
V
IC = -100µA, IE = 0
Collector-Emitter Breakdown Voltage
BVCEO
-80
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-4
V
IE = -100µA, IC = 0
Collector Cutoff Current
ICBO
-100
nA
VCB = -60V, IE = 0
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.25
V
IC = -100mA, IB = -10mA
DC Current Transfer Ratio
hFE
120
280
500
IC = -10mA, VCE = -1.0V
Electrical Characteristics
– D1, D2 (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
75
V
IR = 100µA
Forward Voltage
VF
0.715
V
IF = 5.0mA

0.855
IF = 10mA

1.0
IF = 50mA

1.25
IF = 150mA
Leakage Current (Note 6)
IR
0.1
µA
VR = 75V

25
nA
VR = 20V
Total Capacitance
CT
1.5
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
4
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
5. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com