Electronic Components Datasheet Search
  English  ▼

X  

54ACT573 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT573
Description  Octal Latch with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT573 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54ACT573 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT573 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT573 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT573 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT573 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT573 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT573 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT573 Datasheet HTML 8Page - National Semiconductor (TI) 54ACT573 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Functional Description
The ’ACT573 contains eight D-type latches with TRI-STATE
output buffers. When the Latch Enable (LE) input is HIGH,
data on the D
n inputs enters the latches. In this condition the
latches are transparent, i.e., a latch output will change state
each time its D input changes. When LE is LOW the latches
store the information that was present on the D inputs a
setup time preceding the HIGH-to-LOW transition of LE. The
TRI-STATE buffers are controlled by the Output Enable (OE)
input. When OE is LOW, the buffers are enabled. When OE
is HIGH the buffers are in the high impedance mode but this
does not interfere with entering new data into the latches.
Truth Table
Inputs
Outputs
OE
LE
D
O
n
LH
H
H
LH
L
L
LL
X
O
0
HX
X
Z
H = HIGH Voltage
L = LOW Voltage
Z = High Impedance
X = Immaterial
O0 = Previous O0 before HIGH-to-LOW transition of Latch Enable
Logic Diagram
DS100332-5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com